Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSBU61-301 Datasheet(PDF) 1 Page - Total Power International

Part # TPSBU61-301
Description  Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSBU61-301 Datasheet(HTML) 1 Page - Total Power International

  TPSBU61-301 Datasheet HTML 1Page - Total Power International TPSBU61-301 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
ElectricalCharacteristics:
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat25°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~264VAC
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.6A
1.0A
47~63Hz
33A (max.)
65A (max.)
70~88%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
OverCurrentProtection
OverVoltageProtection
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
2S (max.)
12mS (min.)
0.5~1%
0.75mA (max.)
1% (max.)
2~7%
112~132%
110~150%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
4242VDC (min.)
Primarytosecondary
DielectricWithstandingVoltage
forPrimarytosecondary
Vpg
Ris
2506VDC (min.)
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
Note: The Ripple & Noise which is under 3.3VDC at 2% max.
The range of OCP is set between 110-150% of total output power .
-Monitor
-IndustrialPC
-Set-topbox
- AVequipment
-CCDrecorder
Features:
WideOperatingVoltage90to264VAC,47to63Hz
InternalEMIfilter
SingletoQuadOutput
OverVoltageProtection(CrowbarDesign)
PowerFailDetect(Optional)
InputSurgeCurrent,OverVoltageandOverLoadprotection
ClassI
2yearwarranty
TPSBU61 SERIES
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
63WOpenFrameType
I.T.E.PowerSupplies
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - TPSBU61-301

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-101 TOTAL-POWER-TPSBU-101 Datasheet
300Kb / 2P
   100W Open Frame Type I.T.E. Power Supplies
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
More results

Similar Description - TPSBU61-301

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com