Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS120-38 Datasheet(PDF) 1 Page - Total Power International

Part # TPS120-38
Description  Telecommunications/Business machines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS120-38 Datasheet(HTML) 1 Page - Total Power International

  TPS120-38 Datasheet HTML 1Page - Total Power International TPS120-38 Datasheet HTML 2Page - Total Power International TPS120-38 Datasheet HTML 3Page - Total Power International TPS120-38 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PPS120
SWITCHING MODE 120W POWER SUPPLIES
KEY FEATURES
*Universal input
*Built-in EMI filter
*Optional remote sense on main output
*Optional constant current charger
*Optional±12VDC/±24VDC/±48VDC input
*Optional cover
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications/Business machines
*Computer peripherals/Medical instruments
*Test & industrial equipments
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------38A typical ,Cold start @25℃,115VAC
*Efficiency------------65% ~85% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----120W with 30 CFM forced air
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5 % per inquiry)
120W
90W
60W
30W
0W
60W
45W
Power Derating Curve
30 CFM Forced Air Cooling
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE, EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-1-
TOTAL POWER INT.
TPS120 SWITCHING MODE 120W U CHANNEL POWER SUPPLY


Similar Part No. - TPS120-38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1200-Q1 TI1-TPS1200-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPS1200-Q1 45-V, Automotive Low IQ Smart High Side Driver with Short-Circuit Protection and Diagnostics
DECEMBER 2023
logo
Toppower Electronic Tec...
TPS1205 TOPPOWER-TPS1205 Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205A TOPPOWER-TPS1205A Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

Similar Description - TPS120-38

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682739 ETC2-1682739 Datasheet
86Kb / 3P
   6-position modular retractile, used to rapidly interconnect electronic computers and business machines
logo
Fujitsu Component Limit...
S190 FUJITSU-S190 Datasheet
108Kb / 4P
   BUSINESS SERVERS
logo
List of Unclassifed Man...
MIL-DTL-26482 ETC2-MIL-DTL-26482 Datasheet
186Kb / 1P
   Connectors Business Unit
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
   Washing machines
logo
TE Connectivity Ltd
85F TEC-85F Datasheet
159Kb / 5P
   Dialysis Machines
logo
Motorola, Inc
XTR446 MOTOROLA-XTR446 Datasheet
889Kb / 2P
   Short-range business radio
logo
Cherry Semiconductor Co...
G83-6104 CHERRY-G83-6104 Datasheet
187Kb / 2P
   G83-6104 Business Keyboard
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
Guangdong Youtai Semico...
ESDA5V3L UMW-ESDA5V3L Datasheet
559Kb / 4P
   Automatic Teller Machines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com