Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSBU81-301 Datasheet(PDF) 2 Page - Total Power International

Part # TPSBU81-301
Description  Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSBU81-301 Datasheet(HTML) 2 Page - Total Power International

  TPSBU81-301 Datasheet HTML 1Page - Total Power International TPSBU81-301 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPU15C-110
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
N/C
N/C
N/C
N/C
N/C
N/C
Vo2
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
COM
Vo3
Vo3
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:350gsapprox.
3.InputconnectormateswithMolexhousing
09-52-4034andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
TPSBU81-2XX
TPSBU81-215
PIN
MODEL
TPSBU81-3XX
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPSBU81-200
TPSBU81-201
TPSBU81-202
TPSBU81-203
TPSBU81-204
TPSBU81-215
TPSBU81-300
TPSBU81-302
TPSBU81-303
TPSBU81-304
TPSBU81-305
TPSBU81-306
+3.3V
+3.3V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
12
. A
1.2A
1.2A
12
. A
1.2A
12A
12A
12A
12A
12A
12A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-24V
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
5
0. A
5
0. A
5
0. A
3
0. A
5
0. A
5
5A
5A
5A
3A
5A
2A
5A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
80W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
80W
80W
80W
64.6W
80W
80W
80W
80W
80W
80W
80W
+5V
+5V
+5V
+5V
-12V
0A
5%
12A
1.2A
TPSBU81-300-1
+
V
3.3
+
V
12
0. A
5
5A
5%
80W
+12V
0A
5%
12A
1.2A
TPSBU81-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
12A
1.2A
5A
TPSBU81-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
12A
1.2A
5A
12A
5A
TPSBU81-302-1
+5V
5%
+12V
5%
+12V
5%
80W
12A
5A
12A
5A
TPSBU81-303-1
+5V
5%
+15V
5%
+15V
5%
80W
12A
5A
12A
3A
TPSBU81-304-1
+5V
5%
+24V
5%
+24V
5%
80W
12A
3A
08A
.
12A
3A
08A
.
TPSBU81-305-1
+5V
5%
+24V
5%
+12V
5%
80W
12A
3A
08A
.
12A
5A
08A
.
TPSBU81-306-1
+3.3V
7%
+12V
5%
+5V
5%
80W
12A
5A
08A
.
TPSBU81-308
+3.3V
7%
+ V
5
5%
-12V
5%
76.6W
12A
5A
1.0A
TPSBU81-308-1
+3.3V
7%
+ V
5
5%
+12V
5%
76.6W
12A
5A
1.0A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
1.2A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
08A
.
7%
7%
0. A
5
0. A
5
0. A
5
0. A
5
0.5A
0. A
5
0. A
3
0. A
3
0. A
3
0. A
3
0. A
5
0. A
5
0. A
5
0. A
5
08A
.
08A
.
0A
TPSBU81-307
TPSBU81-307-1
+5V
5%
+
V
10
5%
- 0
1 V
5%
80W
12A
5A
1.0A
+5V
5%
+
V
10
5%
+10V
5%
80W
12A
5A
1.0A
1.2A
1.2A
0A
0A
0. A
5
0. A
5
80WOpenFrameType
TPSBU81 SERIES
I.T.E.PowerSupplies
Tota
Total Power International, Inc.
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPSBU81-301

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU80-200 TOTAL-POWER-TPSBU80-200 Datasheet
278Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU80-201 TOTAL-POWER-TPSBU80-201 Datasheet
278Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU80-202 TOTAL-POWER-TPSBU80-202 Datasheet
278Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU80-203 TOTAL-POWER-TPSBU80-203 Datasheet
278Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU80-204 TOTAL-POWER-TPSBU80-204 Datasheet
278Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results

Similar Description - TPSBU81-301

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-100 TOTAL-POWER-TPIBU-100 Datasheet
292Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-120 TOTAL-POWER-TPIBU-120 Datasheet
545Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-150 TOTAL-POWER-TPIBU-150 Datasheet
283Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-180 TOTAL-POWER-TPIUU-180 Datasheet
482Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com