Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1455P1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC1455P1
Description  Timing Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1455P1 Datasheet(HTML) 2 Page - Motorola, Inc

  MC1455P1 Datasheet HTML 1Page - Motorola, Inc MC1455P1 Datasheet HTML 2Page - Motorola, Inc MC1455P1 Datasheet HTML 3Page - Motorola, Inc MC1455P1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Motorola Master Selection Guide
Analog and Interface Integrated Circuits
4.10–2
Timing Circuits
These highly stable timers are capable of producing
accurate time delays or oscillation. In the time delay mode of
operation, the time is precisely controlled by one external
resistor and capacitor. For a stable operation as an oscillator,
the free–running frequency and the duty cycle are both
accurately controlled with two external resistors and one
capacitor. The output structure can source or sink up to 200 mA
or drive TTL circuits. Timing intervals from microseconds
through hours can be obtained. Additional terminals are
provided for triggering or resetting if desired.
Singles
MC1455P1, D
TA = 0° to +70°C, Case 626, 751
MC1455BP1, D
TA = –40° to +85°C, Case 626, 751
Comp B
Comp A
7
VCC
Threshold
Control
Voltage
Trigger
5
6
2
Gnd
1
3
Discharge
Output
5.0 k
R
S
Flip
Flop
Inhibit/
Reset
Q
8
5.0 k
5.0 k
Reset
4
Duals
MC3456P
TA = 0° to +70°C, Case 646
NE556N, D
TA = 0° to +70°C, Case 646, 751A
Multipliers
Linear Four–Quadrant Multipliers
Multipliers are designed for use where the output voltage is
a linear product of two input voltages. Typical applications
include: multiply, divide, square, root–mean–square, phase
detector, frequency doubler, balanced modulator/demodulator,
electronic gain control.
k =
1
10
–10
VX, INPUT VOLTAGE (V)
–10
–8.0
–4.0
–2.0
0
2.0
–6.0
4.0
6.0
8.0
10
+
X
Y
KXY
–8.0
–6.0
–4.0
–2.0
0
2.0
4.0
6.0
8.0
10
Multiplier Transfer Characteristics
MC1494P
TA = 0° to +70°C, Case 648
This device has all the necessary internal regulation and
references. The single–ended output is referenced to ground.
MC1495D, P
TA = 0° to +70°C, Case 751A, 646
Maximum versatility is assured by allowing the user to
select the level shift method.
MC1495BP
TA = –40° to +125°C, Case 646
Linearity and offset are actually tested over temperature.
This is an improved specification over previous versions.


Similar Part No. - MC1455P1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455P1 ONSEMI-MC1455P1 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455P1 ONSEMI-MC1455P1 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455P1 ONSEMI-MC1455P1 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455P1 ONSEMI-MC1455P1 Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Texas Instruments
MC1455P1 TI-MC1455P1 Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - MC1455P1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556_11 Datasheet
188Kb / 3P
   Timing Circuit
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
   Timing Circuit
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
   Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
   Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
   Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555_11 Datasheet
183Kb / 4P
   Timing Circuit
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
   Timing Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com