Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0808CCV Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC0808CCV
Description  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0808CCV Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC0808CCV Datasheet HTML 7Page - Texas Instruments ADC0808CCV Datasheet HTML 8Page - Texas Instruments ADC0808CCV Datasheet HTML 9Page - Texas Instruments ADC0808CCV Datasheet HTML 10Page - Texas Instruments ADC0808CCV Datasheet HTML 11Page - Texas Instruments ADC0808CCV Datasheet HTML 12Page - Texas Instruments ADC0808CCV Datasheet HTML 13Page - Texas Instruments ADC0808CCV Datasheet HTML 14Page - Texas Instruments ADC0808CCV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ADC0808-N, ADC0809-N
www.ti.com
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
The ADC0808 needs less than a milliamp of supply current so developing the supply from the reference is
readily accomplished. In Figure 13 a ground referenced system is shown which generates the supply from the
reference. The buffer shown can be an op amp of sufficient drive to supply the milliamp of supply current and the
desired bus drive, or if a capacitive bus is driven by the outputs a large capacitor will supply the transient supply
current as seen in Figure 14. The LM301 is overcompensated to insure stability when loaded by the 10
μF output
capacitor.
The top and bottom ladder voltages cannot exceed VCC and ground, respectively, but they can be symmetrically
less than VCC and greater than ground. The center of the ladder voltage should always be near the center of the
supply. The sensitivity of the converter can be increased, (i.e., size of the LSB steps decreased) by using a
symmetrical reference system. In Figure 15, a 2.5V reference is symmetrically centered about VCC/2 since the
same current flows in identical resistors. This system with a 2.5V reference allows the LSB bit to be half the size
of a 5V reference system.
Figure 12. Ground Referenced
Conversion System Using Trimmed Supply
Figure 13. Ground Referenced Conversion System with
Reference Generating VCC Supply
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC0808-N ADC0809-N


Similar Part No. - ADC0808CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808CCV NSC-ADC0808CCV Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ADC0808CCV MICRO-LINEAR-ADC0808CCV Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808CCV NSC-ADC0808CCV Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808CCV NSC-ADC0808CCV Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808CCV TI1-ADC0808CCV Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results

Similar Description - ADC0808CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com