Electronic Components Datasheet Search |
|
MM74C949N Datasheet(PDF) 4 Page - Texas Instruments |
|
MM74C949N Datasheet(HTML) 4 Page - Texas Instruments |
4 / 19 page ADC0808-N, ADC0809-N SNAS535H – OCTOBER 1999 – REVISED MARCH 2013 www.ti.com Electrical Characteristics – Timing Specifications (continued) Timing Specifications VCC=VREF(+)=5V, VREF(−)=GND, tr=tf=20 ns and TA=25°C unless otherwise noted. Symbol Parameter Conditions MIn Typ Max Units tWS Minimum Start Pulse Width (Figure 7) 100 200 ns tWALE Minimum ALE Pulse Width (Figure 7) 100 200 ns ts Minimum Address Set-Up Time (Figure 7) 25 50 ns tH Minimum Address Hold Time (Figure 7) 25 50 ns tD Analog MUX Delay Time From ALE RS=0Ω (Figure 7) 1 2.5 μs tH1, tH0 OE Control to Q Logic State CL=50 pF, RL=10k (Figure 10) 125 250 ns t1H, t0H OE Control to Hi-Z CL=10 pF, RL=10k (Figure 10) 125 250 ns tc Conversion Time fc=640 kHz, (Figure 7) (1) 90 100 116 μs fc Clock Frequency 10 640 1280 kHz Clock tEOC EOC Delay Time (Figure 7) 0 8 + 2 μS Periods CIN Input Capacitance At Control Inputs 10 15 pF COUT TRI-STATE Output Capacitance At TRI-STATE Outputs 10 15 pF (1) The outputs of the data register are updated one clock cycle before the rising edge of EOC. 4 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: ADC0808-N ADC0809-N |
Similar Part No. - MM74C949N |
|
Similar Description - MM74C949N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |