Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z40 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ20Z40
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z40 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z40_17 Datasheet HTML 1Page - Texas Instruments BQ20Z40_17 Datasheet HTML 2Page - Texas Instruments BQ20Z40_17 Datasheet HTML 3Page - Texas Instruments BQ20Z40_17 Datasheet HTML 4Page - Texas Instruments BQ20Z40_17 Datasheet HTML 5Page - Texas Instruments BQ20Z40_17 Datasheet HTML 6Page - Texas Instruments BQ20Z40_17 Datasheet HTML 7Page - Texas Instruments BQ20Z40_17 Datasheet HTML 8Page - Texas Instruments BQ20Z40_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Not Recommended for New Designs
bq20z40
www.ti.com
SLUS801A – FEBRUARY 2009 – REVISED MARCH 2009
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™
TECHNOLOGY FOR USE WITH THE bq29330
Check for Samples: bq20z40
1
FEATURES
APPLICATIONS
Notebook PCs
2
Next Generation Patented Impedance Track™
Technology Accurately Measures Available
Medical and Test Equipment
Charge in Li-Ion and Li-Polymer Batteries
Portable Instrumentation
Better Than 1% Error Over the Lifetime of
DESCRIPTION
the Battery
Supports the Smart Battery Specification
The
bq20z40
SBS-compliant
gas
gauge
and
SBS V1.1
protection IC, incorporating patented Impedance
Track™ technology, is designed for battery-pack or
Flexible Configuration for 2 to 4 Series Li-Ion
in-system installation. The bq20z40 measures and
and Li-Polymer Cells
maintains an accurate record of available charge in
Powerful 8-Bit RISC CPU With Ultralow Power
Li-ion or Li-polymer batteries using its integrated
Modes
high-performance analog peripherals. The bq20z40
monitors
capacity
change,
battery
impedance,
Full Array of Programmable Protection
open-circuit voltage, and other critical parameters of
Features
the battery pack, and reports the information to the
Voltage, Current, and Temperature
system host controller over a serial-communication
Satisfies JEITA Guidelines
bus. It is designed to work with the bq29330 analog
front-end
(AFE)
protection
IC
to
maximizes
Added Flexibility to Handle More Complex
functionality and safety while minimizing external
Charging Profiles
component count and cost in smart battery circuits.
Lifetime Data Logging
The Impedance Track™ technology continuously
Supports SHA-1 Authentication
analyzes the battery impedance, resulting in superior
Available in a 20-Pin TSSOP (PW) package
gas-gauging accuracy. This enables the remaining
capacity
to
be
calculated
with
discharge
rate,
temperature, and cell aging that are all accounted for
during each stage of every cycle.
Table 1. AVAILABLE OPTIONS
PACKAGE
TA
20-PIN TSSOP (PW) Tube
20-PIN TSSOP (PW) Tape & Reel
–40°C to 85°C
bq20z40PW(1)
bq20z40PWR(2)
(1)
A single tube quantity is 50 units.
(2)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z40_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PW TI-BQ20Z40PW Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PW-R1 TI-BQ20Z40PW-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PWR TI-BQ20Z40PWR Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PWR-R1 TI-BQ20Z40PWR-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z40_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com