Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24113A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # bq24113A
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24113A Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq24113A Datasheet HTML 4Page - Texas Instruments bq24113A Datasheet HTML 5Page - Texas Instruments bq24113A Datasheet HTML 6Page - Texas Instruments bq24113A Datasheet HTML 7Page - Texas Instruments bq24113A Datasheet HTML 8Page - Texas Instruments bq24113A Datasheet HTML 9Page - Texas Instruments bq24113A Datasheet HTML 10Page - Texas Instruments bq24113A Datasheet HTML 11Page - Texas Instruments bq24113A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
V
IREG*PRE +
0.1V
RSET2
1000,
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLOWV ≤ VI(BAT) < VO(REG) ,
K(ISET1)
Output current set factor
1000
V/A
V(VCC) ≤ VI(BAT) + V(DO-MAX)
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition voltage
VLOWV
threshold, BAT,
68
71.4
75
%VO(REG)
bq24100/03/03A/04/05/08/09 ICs only
Deglitch time for precharge to fast charge
Rising voltage;
t
20
30
40
ms
transition,
tRISE, tFALL = 100 ns, 2-mV overdrive
IOPRECHG
Precharge range
VI(BAT) < VLOWV, t < tPRECHG
15
200
mA
V(ISET2)
Precharge set voltage, ISET2
VI(BAT) < VLOWV, t < tPRECHG
100
mV
K(ISET2)
Precharge current set factor
1000
V/A
100 mV
≤ VIREG-PRE ≤ 100 mV,
VIREG-PRE
Voltage regulated across RSNS-Accuracy
–20%
20%
(PGM) Where
1.2 k
Ω ≤ RSET2 ≤ 10 kΩ, Select RSET1
to program VIREG-PRE,
VIREG-PRE (Measured) = IOPRE-CHG × RSNS
(–20% to 20% excludes errors due to RSET1
and RSNS tolerances)
CHARGE TERMINATION (CURRENT TAPER) DETECTION
ITERM
Charge current termination detection range
VI(BAT) > VRCH
15
200
mA
Charge termination detection set voltage,
VTERM
VI(BAT) > VRCH
100
mV
ISET2
K(ISET2)
Termination current set factor
1000
V/A
Charger termination accuracy
VI(BAT) > VRCH
–20%
20%
Both rising and falling,
tdg-TERM
Deglitch time for charge termination
20
30
40
ms
2-mV overdrive tRISE, tFALL = 100 ns
TEMPERATURE COMPARATOR AND VTSB BIAS REGULATOR
%LTF
Cold temperature threshold, TS, % of bias
VLTF = VO(VTSB) × % LTF/100
72.8%
73.5%
74.2%
%HTF
Hot temperature threshold, TS, % of bias
VHTF = VO(VTSB) × % HTF/100
33.7%
34.4%
35.1%
Cutoff temperature threshold, TS, % of
%TCO
VTCO = VO(VTSB) × % TCO/100
28.7%
29.3%
29.9%
bias
LTF hysteresis
0.5%
1%
1.5%
Deglitch time for temperature fault, TS
20
30
40
Both rising and falling,
tdg-TS
ms
Deglitch time for temperature fault, TS,
2-mV overdrive tRISE, tFALL = 100 ns
500
bq24109, bq24104
VCC > VIN(min),
VO(VTSB)
TS bias output voltage
3.15
V
I(VTSB) = 10 mA 0.1 μF ≤ CO(VTSB) ≤ 1 μF
VCC > IN(min),
VO(VTSB)
TS bias voltage regulation accuracy
–10%
10%
I(VTSB) = 10 mA 0.1 μF ≤ CO(VTSB) ≤ 1 μF
BATTERY RECHARGE THRESHOLD
VRCH
Recharge threshold voltage
Below VOREG
75
100
125
mV/cell
VI(BAT) < decreasing below threshold,
tdg-RCH
Deglitch time
20
30
40
ms
tFALL = 100 ns 10-mV overdrive
STAT1, STAT2, AND PG OUTPUTS
VOL(STATx)
Low-level output saturation voltage, STATx
IO = 5 mA
0.5
V
VOL(PG)
Low-level output saturation voltage, PG
IO = 10 mA
0.1
CE CMODE, CELLS INPUTS
VIL
Low-level input voltage
IIL = 5 μA
0
0.4
V
VIH
High-level input voltage
IIH = 20 μA
1.3
VCC
TTC INPUT
tPRECHG
Precharge timer
1440
1800
2160
s
tCHARGE
Programmable charge timer range
t(CHG) = C(TTC) × K(TTC)
25
572
minutes
Charge timer accuracy
0.01
μF ≤ C(TTC) ≤ 0.18 μF
-10%
10%
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - bq24113A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113A TI-BQ24113A Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113A TI-BQ24113A Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24113ARHLR TI-BQ24113ARHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLR TI1-BQ24113ARHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24113ARHLRG4 TI-BQ24113ARHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - bq24113A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com