Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24103ARHLT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24103ARHLT
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24103ARHLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24103ARHLT Datasheet HTML 7Page - Texas Instruments BQ24103ARHLT Datasheet HTML 8Page - Texas Instruments BQ24103ARHLT Datasheet HTML 9Page - Texas Instruments BQ24103ARHLT Datasheet HTML 10Page - Texas Instruments BQ24103ARHLT Datasheet HTML 11Page - Texas Instruments BQ24103ARHLT Datasheet HTML 12Page - Texas Instruments BQ24103ARHLT Datasheet HTML 13Page - Texas Instruments BQ24103ARHLT Datasheet HTML 14Page - Texas Instruments BQ24103ARHLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
UDG-04037
VLOW
Charge Voltage
Charge Current
Regulation Voltage
Regulation Current
VSHORT
Voltage Regulation and
Charge Termination Phase
Precharge
Timer
Programmable
Safety Timer
Current Regulation Phase
Precharge
Phase
Precharge
and Termination
ISHORT
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
www.ti.com
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The bqSWITCHER™ supports a precision Li-ion or Li-polymer charging system for single cell or two cell
applications. The device has a battery detect scheme that allows it to automatically detect the presence and
absence of a battery. When the battery is detected, charging begins in one of three phases (depending upon
battery voltage): precharge, constant current (fast-charge current regulation), and constant voltage (fast-charge
voltage regulation). The device will terminate charging when the termination current threshold has been reached
and will begin a recharge cycle when the battery voltage has dropped below the recharge threshold (VRCG).
Precharge, constant current, and termination current can be configured through the ISET1 and ISET2 pins,
allowing for flexibility in battery charging profile. During charging, the integrated fault monitors of the device, such
as battery short detection (VSHORT), thermal shutdown (internal TSHTDWN and TS pin), and safety timer expiration
(TTC pin), ensure battery safety.
bqSWITCHER™ has three status pins (STAT1, STAT2, and PG) to indicate the charging status and input
voltage (AC adapter) status. These pins can be used to drive LEDs or communicate with a host processor.
Figure 3. Typical Charging Profile
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - BQ24103ARHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24103ARHLT TI-BQ24103ARHLT Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24103ARHLT TI1-BQ24103ARHLT Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24103ARHLTG4 TI-BQ24103ARHLTG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24103ARHLTG4 TI1-BQ24103ARHLTG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
More results

Similar Description - BQ24103ARHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com