Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KI347000P2K Datasheet(PDF) 7 Page - Kemet Corporation

Part # R46KI347000P2K
Description  R46 (Miniature) Series, Class X2, 275 VAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KI347000P2K Datasheet(HTML) 7 Page - Kemet Corporation

Back Button R46KI347000P2K Datasheet HTML 3Page - Kemet Corporation R46KI347000P2K Datasheet HTML 4Page - Kemet Corporation R46KI347000P2K Datasheet HTML 5Page - Kemet Corporation R46KI347000P2K Datasheet HTML 6Page - Kemet Corporation R46KI347000P2K Datasheet HTML 7Page - Kemet Corporation R46KI347000P2K Datasheet HTML 8Page - Kemet Corporation R46KI347000P2K Datasheet HTML 9Page - Kemet Corporation R46KI347000P2K Datasheet HTML 10Page - Kemet Corporation R46KI347000P2K Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3094_R46_X2_275_110C_MIN • 6/9/2016
7
Metallized Polypropylene Film EMI Suppression Capacitors
R46 (Miniature) Series, Class X2, 275 VAC, 110ºC
Table 1 – Ratings & Part Number Reference
Capacitance
Value (µF)
Dimensions in mm
Lead Spacing
(p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part Number
B
H
L
0.033
4.0
9.0
13.0
10.0
500
46KF2330(1)P0(2)
R46KF2330(1)P0(2)
0.047
4.0
9.0
13.0
10.0
500
46KF2470(1)P0(2)
R46KF2470(1)P0(2)
0.068
5.0
11.0
13.0
10.0
500
46KF2680(1)P0(2)
R46KF2680(1)P0(2)
0.10
5.0
11.0
13.0
10.0
500
46KF3100(1)P1(3)
R46KF3100(1)P1(3)
0.10
6.0
12.0
13.0
10.0
500
46KF3100(1)P0(2)
R46KF3100(1)P0(2)
0.15
6.0
12.0
13.0
10.0
500
46KF3150(1)P0(3)
R46KF3150(1)P0(3)
0.15
5.0
11.0
18.0
15.0
400
46KI3150(1)P0(2)
R46KI3150(1)P0(2)
0.22
6.0
12.0
18.0
15.0
400
46KI3220(1)P0(2)
R46KI3220(1)P0(2)
0.33
7.5
13.5
18.0
15.0
400
46KI3330(1)P0(2)
R46KI3330(1)P0(2)
0.33
9.0
12.5
18.0
15.0
400
46KI3330(1)P1(2)
R46KI3330(1)P1(2)
0.33
6.0
17.5
18.0
15.0
400
46KI3330(1)P2(2)
R46KI3330(1)P2(2)
0.47
8.5
14.5
18.0
15.0
400
46KI3470(1)P0(2)
R46KI3470(1)P0(2)
0.47
9.0
12.5
18.0
15.0
400
46KI3470(1)P1(3)
R46KI3470(1)P1(3)
0.47
6.0
17.5
18.0
15.0
400
46KI3470(1)P2(3)
R46KI3470(1)P2(3)
0.47
7.5
18.5
18.0
15.0
400
46KI3470(1)P3(2)
R46KI3470(1)P3(2)
0.68
10.0
16.0
18.0
15.0
400
46KI3680(1)P1(3)
R46KI3680(1)P1(3)
0.68
11.0
19.0
18.0
15.0
400
46KI3680(1)P0(2)
R46KI3680(1)P0(2)
0.82
11.0
19.0
18.0
15.0
400
46KI3820(1)P0(3)
R46KI3820(1)P0(3)
0.47
6.0
15.0
26.5
22.5
200
46KN3470(1)P1(2)
R46KN3470(1)P1(2)
0.56
6.0
15.0
26.5
22.5
200
46KN3560(1)P1(3)
R46KN3560(1)P1(3)
0.56
7.0
16.0
26.5
22.5
200
46KN3560(1)P0(2)
R46KN3560(1)P0(2)
0.68
7.0
16.0
26.5
22.5
200
46KN3680(1)P0(2)
R46KN3680(1)P0(2)
1.0
8.5
17.0
26.5
22.5
200
46KN4100(1)P1(3)
R46KN4100(1)P1(3)
1.0
10.0
18.5
26.5
22.5
200
46KN4100(1)P0(2)
R46KN4100(1)P0(2)
1.5
10.0
18.5
26.5
22.5
200
46KN4150(1)P1(3)
R46KN4150(1)P1(3)
1.5
11.0
20.0
26.5
22.5
200
46KN4150(1)P0(2)
R46KN4150(1)P0(2)
2.2
13.0
22.0
26.5
22.5
200
46KN4220(1)P0(3)
R46KN4220(1)P0(3)
1.0
9.0
17.0
32.0
27.5
150
46KR4100(1)P0(2)
R46KR4100(1)P0(2)
1.5
11.0
20.0
32.0
27.5
150
46KR4150(1)P0(2)
R46KR4150(1)P0(2)
2.2
13.0
22.0
32.0
27.5
150
46KR4220(1)P0(2)
R46KR4220(1)P0(2)
3.3
14.0
28.0
32.0
27.5
150
46KR4330(1)P0(2)
R46KR4330(1)P0(2)
4.7
14.0
28.0
32.0
27.5
150
46KR4470(1)P1(3)
R46KR4470(1)P1(3)
4.7
18.0
33.0
32.0
27.5
150
46KR4470(1)P0(2)
R46KR4470(1)P0(2)
6.8
22.0
37.0
32.0
27.5
150
46KR4680(1)P0(2)
R46KR4680(1)P0(2)
2.2
11.0
22.0
41.5
37.5
100
46KW4220(1)P0(2)
R46KW4220(1)P0(2)
3.3
13.0
24.0
41.5
37.5
100
46KW4330(1)P0(2)
R46KW4330(1)P0(2)
4.7
16.0
28.5
41.5
37.5
100
46KW4470(1)P0(2)
R46KW4470(1)P0(2)
6.8
19.0
32.0
41.5
37.5
100
46KW4680(1)P0(2)
R46KW4680(1)P0(2)
10.0
20.0
40.0
41.5
37.5
100
46KW5100(1)P0(2)
R46KW5100(1)P0(2)
Capacitance Value (µF)
B (mm)
H (mm)
L (mm)
Lead
Spacing (p)
dV/dt (V/µs)
New KEMET
Part Number
Legacy Part Number
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) M = ±20%, K = ±10%
(3) M = ±20% (only available tolerance).


Similar Part No. - R46KI347000P2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI347000M1M KEMET-R46KI347000M1M Datasheet
60Kb / 1P
   R46_275, Film, Metallized Polypropylene, Safety, 0.47 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI347000N0M KEMET-R46KI347000N0M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 15mm
More results

Similar Description - R46KI347000P2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com