Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F280049M Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320F280049M
Description  Piccolo Microcontrollers
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F280049M Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F280049M Datasheet HTML 1Page - Texas Instruments TMS320F280049M Datasheet HTML 2Page - Texas Instruments TMS320F280049M Datasheet HTML 3Page - Texas Instruments TMS320F280049M Datasheet HTML 4Page - Texas Instruments TMS320F280049M Datasheet HTML 5Page - Texas Instruments TMS320F280049M Datasheet HTML 6Page - Texas Instruments TMS320F280049M Datasheet HTML 7Page - Texas Instruments TMS320F280049M Datasheet HTML 8Page - Texas Instruments TMS320F280049M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 214 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMS320F280049M
SPRS945 – JANUARY 2017
TMS320F28004x Piccolo™ Microcontrollers
1
Device Overview
1
1.1
Features
1
• TMS320C28x 32-Bit CPU
– 100 MHz
– IEEE 754 Single-Precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
– 3×-Cycle to 4×-Cycle Improvement for
Common Trigonometric Functions Versus
Software Libraries
– 13-Cycle Park Transform
– Viterbi/Complex Math Unit (VCU-I)
• Programmable Control Law Accelerator (CLA)
– 100 MHz
– IEEE 754 Single-Precision Floating-Point
Instructions
– Executes Code Independently of Main CPU
• On-Chip Memory
– 256KB (128KW) of Flash (ECC-Protected)
Across Two Independent Banks
– 100KB (50KW) of RAM (ECC-Protected or
Parity-Protected)
– Dual-Zone Security Supporting Third-Party
Development
• Clock and System Control
– Two Internal Zero-Pin 10-MHz Oscillators
– On-Chip Crystal Oscillator and External Clock
Input
– Windowed Watchdog Timer Module
– Missing Clock Detection Circuitry
• 1.2-V Core, 3.3-V I/O Design
– Internal VREG or Internal Switching Regulator
for 1.2-V Generation Allows for Single-Supply
Designs
• System Peripherals
– 6-Channel Direct Memory Access (DMA)
Controller
– 40 Individually Programmable Multiplexed
General-Purpose Input/Output (GPIO) Pins
– 21 Digital Inputs on ADC Pins
– Enhanced Peripheral Interrupt Expansion (ePIE)
Module
– Multiple Low-Power Mode (LPM) Support With
External Wakeup
• Communications Peripherals
– One Power Management Bus (PMBus) Interface
– One Inter-Integrated Circuit (I2C) Interface
(Pin-Bootable)
– Two Controller Area Network (CAN) Bus Ports
(Pin-Bootable)
– Two Serial Peripheral Interface (SPI) Ports
(Pin-Bootable)
– Two Serial Communication Interfaces (SCIs)
(Pin-Bootable)
– One Local Interconnect Network (LIN)
– One Fast Serial Interface (FSI) With a
Transmitter and Receiver
• Analog System
– Three 3.45-MSPS, 12-Bit Analog-to-Digital
Converters (ADCs)
– Up to 21 External Channels
– Hardware-Integrated Post-Processing of ADC
Conversions
– Saturating Offset Calibration
– Error From Set Point Calculation
– High, Low, and Zero Crossing Compare With
Interrupt Capability
– Trigger-to-Sample Delay Capture
– Seven Windowed Comparators (CMPSS) With
12-Bit Reference Digital-to-Analog Converters
(DACs)
– Digital Glitch Filters
– Two 12-Bit Buffered DAC Outputs
– Seven Programmable Gain Amplifiers (PGAs)
(Gain Settings: 3, 6, 12, 24)
• Enhanced Control Peripherals
– 16 ePWM Channels With High-Resolution
Capability (150-ps Resolution)
– Integrated Dead-Band Support With High
Resolution
– Integrated Hardware Trip Zones (TZs)
– Seven Enhanced Capture (eCAP) Modules
– Two Enhanced Quadrature Encoder Pulse
(eQEP) Modules With Support for CW/CCW
Operation Modes
– Four Sigma-Delta Filter Module (SDFM) Input
Channels (Two Parallel Filters per Channel)
– Standard SDFM Data Filtering
– Comparator Filter for Fast Action for
Overvalue or Undervalue Condition


Similar Part No. - TMS320F280049M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280049M TI1-TMS320F280049M Datasheet
1Mb / 214P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049M TI1-TMS320F280049M Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049MPM TI1-TMS320F280049MPM Datasheet
1Mb / 214P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049MPZ TI1-TMS320F280049MPZ Datasheet
1Mb / 214P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049MRSH TI1-TMS320F280049MRSH Datasheet
1Mb / 214P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F280049M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com