Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KR347000P3K Datasheet(PDF) 6 Page - Kemet Corporation

Part # R46KR347000P3K
Description  R46 (Miniature) Series, Class X2, 275 VAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KR347000P3K Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R46KR347000P3K Datasheet HTML 2Page - Kemet Corporation R46KR347000P3K Datasheet HTML 3Page - Kemet Corporation R46KR347000P3K Datasheet HTML 4Page - Kemet Corporation R46KR347000P3K Datasheet HTML 5Page - Kemet Corporation R46KR347000P3K Datasheet HTML 6Page - Kemet Corporation R46KR347000P3K Datasheet HTML 7Page - Kemet Corporation R46KR347000P3K Datasheet HTML 8Page - Kemet Corporation R46KR347000P3K Datasheet HTML 9Page - Kemet Corporation R46KR347000P3K Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3094_R46_X2_275_110C_MIN • 6/9/2016
6
Metallized Polypropylene Film EMI Suppression Capacitors
R46 (Miniature) Series, Class X2, 275 VAC, 110ºC
Environmental Test Data
Test
IEC Publication
Procedure
Endurance
EN/IEC 60384–14
1.25 x V
R VAC 50 Hz, once every hour increase to 1,000 VAC for 0.1
second, 1,000 hours at upper rated temperature
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 55 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–29 Test Eb
1,000 bumps at 390 m/s2
Change of Temperature
IEC 60068–2–14 Test Na
Upper and lower rated temperature 5 cycles
Active Flammability
IEC 60384–14
V
R+20surgepulsesat2.5kV(pulseevery5seconds)
Passive Flammability
IEC 60384–14
IEC60384–1,IEC60695–11–5Needleflametest
Damp Heat Steady State
IEC 60068–2–78 Test Cab
+40°Cand93%RH,56days
Approvals
Mark
Specification
File Number
EN/IEC 60384-14
V4413
UL 60384-14 and
CAN/CSA E60384-14
(310VAC)
E97797
IEC 60384-14
CQC08001026549
CQC11001060118
CQC13001087757
CQC14001116028
CQC13001101266
CQC14001116000
Environmental Compliance
All KEMET EMI capacitors are RoHS Compliant.


Similar Part No. - R46KR347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KR34700001K KEMET-R46KR34700001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 27.5mm
More results

Similar Description - R46KR347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com