Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KW347000P3K Datasheet(PDF) 11 Page - Kemet Corporation

Part # R46KW347000P3K
Description  R46 (Miniature) Series, Class X2, 275 VAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KW347000P3K Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R46KW347000P3K Datasheet HTML 7Page - Kemet Corporation R46KW347000P3K Datasheet HTML 8Page - Kemet Corporation R46KW347000P3K Datasheet HTML 9Page - Kemet Corporation R46KW347000P3K Datasheet HTML 10Page - Kemet Corporation R46KW347000P3K Datasheet HTML 11Page - Kemet Corporation R46KW347000P3K Datasheet HTML 12Page - Kemet Corporation R46KW347000P3K Datasheet HTML 13Page - Kemet Corporation R46KW347000P3K Datasheet HTML 14Page - Kemet Corporation R46KW347000P3K Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3094_R46_X2_275_110C_MIN • 6/9/2016 11
Metallized Polypropylene Film EMI Suppression Capacitors
R46 (Miniature) Series, Class X2, 275 VAC, 110ºC
Marking
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Lead Spacing 10 mm
Manufacturer’s
Logo
Manufacturing
Plant
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Series
Capacitance,
Capacitance
Tolerance,
Rated Voltage
Manufacturing
Plant
Lead Spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm
Manufacturer’s
Logo
Dielectric
Code
Safety
Class
Self
Healing
Passive
Flammability
Category
Date Code
QA Number
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric Code,
Safety Class,
Self Healing
IEC Climatic
Category
Approval
Marks
TOP
FRONT
Lead Spacing 15 mm, 22.5 mm (small case sizes)
Manufacturer’s
Logo
Passive Flammability
Category
Manufacturing
Plant
Capacitance Tolerance
Date Code
Capacitance,
Rated Voltage
Series,
Dielectric Code,
Safety Class,
Self Healing
Passive Flammability Category:
B for volume ≥ 1750 mm3
C for volume < 1750 mm3


Similar Part No. - R46KW347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KW21000001K KEMET-R46KW21000001K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KW21000001M KEMET-R46KW21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KW21000002K KEMET-R46KW21000002K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KW21000002M KEMET-R46KW21000002M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KW210000L2K KEMET-R46KW210000L2K Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R46KW347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com