Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19K101-271L5-NM Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 19K101-271L5-NM
Description  SMP STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

19K101-271L5-NM Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  19K101-271L5-NM Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 19K101-271L5-NM Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
SMP
STRAIGHT JACK
19K101-271L5-NM
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 26.5 GHz
Return loss
≥ 30 dB, DC to 4 GHz
≥ 23 dB, 4 to 12 GHz
≥ 20 dB, 12 to 18 GHz
Insertion loss
≤ 0.1 x
dB, DC to 18 GHz
Insulation resistance
≥ 5 GΩ
Center contact resistance
≤ 6.0 mΩ
Outer contact resistance
≤ 2.0 mΩ
Test voltage
500 V rms
Working voltage
335 V rms
Contact Current
1.2A DC max.
- Limitations are possible due to the used cable type –
Mechanical data
Mating cycles
if mating part is smooth bore
≥ 1000
if mating part is limited detent
≥ 500
if mating part is full detent
≥ 100
Center contact captivation
≥ 7 N
Engagement force
- smooth bore
9 N max.
- limited detent
45 N max.
- full detent
68 N max.
Disengagement force
- smooth bore
2.2 N min.
- limited detent
9 N min.
- full detent
22 N min.
Environmental data
Temperature range
-65°C to +155°C
Thermal shock
MIL-STD-202, Method 107, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition A
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
N/A
Suitable cables
UT 85-M17, RG 405 /U
Weight
Weight
0.22 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Gramsamer Josef
04/11/09
J_Krautenbacher
13.07.16
c00
15-1629
I_Wallner
13.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 19K101-271L5-NM

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-271L5 ROSENBERGER-19K101-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
More results

Similar Description - 19K101-271L5-NM

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19K101-272L5 ROSENBERGER-19K101-272L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-272L5-NM ROSENBERGER-19K101-272L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-271L5 ROSENBERGER-19K101-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K107-271L5 ROSENBERGER-19K107-271L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5 ROSENBERGER-19K102-101L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K101-103L5 ROSENBERGER-19K101-103L5 Datasheet
222Kb / 2P
   SMP STRAIGHT JACK
19K107-270L5 ROSENBERGER-19K107-270L5 Datasheet
306Kb / 2P
   SMP STRAIGHT JACK
19K102-101L5-NM ROSENBERGER-19K102-101L5-NM Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K102-1X1L5 ROSENBERGER-19K102-1X1L5 Datasheet
221Kb / 2P
   SMP STRAIGHT JACK
19K101-270L5 ROSENBERGER-19K101-270L5 Datasheet
773Kb / 2P
   SMP STRAIGHT JACK
19K101-102L5-NM ROSENBERGER-19K101-102L5-NM Datasheet
53Kb / 2P
   SMP STRAIGHT JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com