Electronic Components Datasheet Search |
|
RC0603FR-7N97R6P Datasheet(PDF) 4 Page - YAGEO Corporation |
|
RC0603FR-7N97R6P Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 8 page Chip Resistor Surface Mount www.yageo.com Aug. 22, 2014 V.0 Product specification 4 8 SERIES RC_P 0100 to 2512 TYPE L (mm) W (mm) H (mm) I1 (mm) I2 (mm) RC0100 0.40±0.02 0.20±0.02 0.13±0.02 0.10±0.03 0.10±0.03 RC0201 0.60±0.03 0.30±0.03 0.23±0.03 0.10±0.05 0.15±0.05 RC0402 1.00±0.05 0.50±0.05 0.35±0.05 0.20±0.10 0.25±0.10 RC0603 1.60±0.10 0.80±0.10 0.45±0.10 0.25±0.15 0.25±0.15 RC0805 2.00±0.10 1.25±0.10 0.50±0.10 0.35±0.20 0.35±0.20 RC1206 3.10±0.10 1.60±0.10 0.55±0.10 0.45±0.20 0.40±0.20 RC1210 3.10±0.10 2.60±0.15 0.50±0.10 0.45±0.15 0.50±0.20 RC1218 3.10±0.10 4.60±0.10 0.55±0.10 0.45±0.20 0.40±0.20 RC2010 5.00±0.10 2.50±0.15 0.55±0.10 0.45±0.15 0.50±0.20 RC2512 6.35±0.10 3.10±0.15 0.55±0.10 0.60±0.20 0.50±0.20 DIMENSION Table 1 ELECTRICAL CHARACTERISTICS Fig. 4 Chip resistor outlines Table 2 TYPE RESISTANCE RANGE CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstandin g Voltage Temperature Coefficient of Resistance Jumper Criteria RC0100 5% (E24) 1Ω≦R≦22MΩ (0201: Max.10MΩ, 0100/1218: Max. 1MΩ) 1% (E24/E96) 1Ω≦R≦10MΩ (0100/1218: Max. 1MΩ) 0.5% (E24/E96) 10Ω≦R≦1MΩ Jumper<50mΩ –55 °C to +125 °C 15V 30V 30V 1Ω≤R≤10Ω: -200~+600ppm/℃ 10Ω<R≤100Ω: ±370ppm/℃ 100Ω<R≤1MΩ: ±250ppm/℃ Rated Current Max. Curren 0.5A 1A RC0201 25V 50V 50V 1Ω≤R≤10Ω: -100~+500ppm/℃ 10Ω<R≤100Ω: ±300ppm/℃ 100Ω<R≤10MΩ: ±200ppm/℃ Rated Current Max. Curren 0.5A 1A RC0402 –55 °C to +155 °C 50 V 100 V 100 V 1Ω≤R≤10Ω: ±350ppm/℃ 10Ω<R≤100Ω: ±200ppm/℃ 100Ω<R≤10MΩ: ±150ppm/℃ 10MΩ<R≤22MΩ: ±200ppm/℃ Rated Current Max. Current 1A 2A RC0603 75V 150 V 150 V 1Ω≤R≤10Ω: ±300ppm/℃ 10Ω<R≤100Ω: ±200ppm/℃ 100Ω<R≤10MΩ: ±150ppm/℃ 10MΩ<R≤22MΩ: ±200ppm/℃ Rated Current Max. Current 1A 2A RC0805 150 V 300 V 300 V 1Ω≤R≤10Ω: ±300ppm/℃ 10Ω<R≤100Ω: ±150ppm/℃ 100Ω<R≤10MΩ: ±100ppm/℃ 10MΩ<R≤22MΩ: ±200ppm/℃ Rated Current Max. Current 2A 5A RC1206 200 V 400 V 500 V 1Ω≤R≤10Ω: ±300ppm/℃ 10Ω<R≤100Ω: ±100ppm/℃ 100Ω<R≤10MΩ: ±100ppm/℃ 10MΩ<R≤22MΩ: ±200ppm/℃ Rated Current 2A Max. Current 10A RC1210 200V 500 V 500V Rated Current 2A Max. Current 10A RC1218 Rated Current 6A Max. Current 10A RC2010 Rated Current 2A Max. Current 10A RC2512 Rated Current 2A Max. Current 10A |
Similar Part No. - RC0603FR-7N97R6P |
|
Similar Description - RC0603FR-7N97R6P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |