Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805FK-7N97R6P Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RC0805FK-7N97R6P
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FK-7N97R6P Datasheet(HTML) 5 Page - YAGEO Corporation

  RC0805FK-7N97R6P Datasheet HTML 1Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 2Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 3Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 4Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 5Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 6Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 7Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
5
8
SERIES
RC_P
0100 to 2512
Fig. 5-1 Maximum dissipation (P) in percentage of rated poweras
a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
RC0402 to RC2512 Range: -55℃ to +155℃ (Fig. 5-1)
RC0100 to RC0201 Range: -55℃ to +125℃ (Fig. 5-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
RC0100=1/32W
RC0201=1/20 W
RC0402=1/16 W
RC0603=1/10W
RC0805=1/8W
RC1206=1/4W
RC1210=1/2W
RC1218=1W
RC2010=3/4W
RC2512=1W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by the
following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE
REEL
DIMENSION
RC0100 RC0201 RC0402 RC0603 RC0805 RC1206 RC1210 RC1218 RC2010 RC2512
Paper taping reel (R) 7" (178 mm)
20,000
10,000
10,000
5,000
5,000
5,000
5,000
---
---
---
13" (330 mm)
80,000
50000
50000
20000
20000
20000
20000
---
---
---
ESD safe reel (S)
7" (178 mm)
40,000
---
---
---
---
---
---
---
---
---
Embossed taping reel 7" (178 mm)
---
---
---
---
---
---
4,000
4,000
4,000
NOTE
For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Fig. 5-2 Maximum dissipation (P) in percentage of rated poweras
a function of the operating ambient temperature (Tamb)
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”


Similar Part No. - RC0805FK-7N97R6P

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FK-7N97R6L YAGEO-RC0805FK-7N97R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FK-7N97R6P

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com