Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805FK-7N97R6P Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RC0805FK-7N97R6P
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FK-7N97R6P Datasheet(HTML) 6 Page - YAGEO Corporation

  RC0805FK-7N97R6P Datasheet HTML 1Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 2Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 3Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 4Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 5Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 6Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 7Page - YAGEO Corporation RC0805FK-7N97R6P Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
6
8
SERIES
RC_P
0100 to 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient of
Resistance
(T.C.R.)
IEC 60115-1 4.8
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R=
)
t
t
(
R
R
R
1
2
1
1
2
× 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Life/ Endurance
MIL-STD-202G Method 108A
IEC 60115-1 4.25.1
At 70± 5℃ for 1,000 hours; RCWV applied for
1.5 hours on and 0.5 hour off, still air required
± (1%+0.05Ω ) for D/F tol
± (3%+0.05Ω ) for J tol
<100mR for jumper
High
Temperature
Exposure
MIL-STD-202G Method 108A
IEC 60115-1 4.25.3
1,000 hours at maximum operating temperature
depending on specification, unpowered.
± (1%+0.05Ω ) for D/F tol
± (2%+0.05Ω ) for J tol
<50mR for jumper
Moisture
Resistance
MIL-STD-202G Method 106F
IEC 60115-1 4.24.2
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d with 25 °C / 65 °C 95% R.H, without steps
7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
± (0.5%+0.05Ω ) for D/F tol
± (2%+0.05Ω ) for J tol
<100mR for jumper
Humidity
IEC 60115-1 4.37
Steady state for 1000 hours at 40 °C / 95% R.H.
RCWV applied for 1.5 hours on and
0.5 hour off
± (1%+0.05Ω ) for D/F tol
± (2%+0.05Ω ) for J tol
<100mR for jumper
Thermal
Shock
MIL-STD-202G Method 107G
-55/+125℃
Note Number of cycles required is 300 Devices
mounted
Maximum transfer time is 20 seconds Dwell time
is 15 minutes. Air - Air
± (0.5%+0.05Ω ) for D/F tol
± (1%+0.05Ω ) for J tol
<50mR for jumper
Short Time
Overload
IEC 60115-1 4.13
2.5 times RCWV or maximum overload voltage
which is less for 5 seconds at room temperature
± (1%+0.05Ω ) for D/F tol
± (2%+0.05Ω ) for J tol
<50mR for jumper
No visible damage
Board Flex/
Bending
IEC 60115-1 4.33
Device mounted or as described only 1 board
bending required
bending time: 60± 5 seconds
0100/0201/0402:5mm;
0603/0805:3mm;
1206 and above:2mm
± (1%+0.05Ω ) for D/F/J Tol
<50mR for jumper
No visible damage
Table 8 Test condition, procedure and requirements


Similar Part No. - RC0805FK-7N97R6P

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FK-7N97R6L YAGEO-RC0805FK-7N97R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FK-7N97R6P

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com