Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9020M Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W9020M
Description  LOW LOSS MINI COAX JUMPER CABLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W9020M Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W9020M Datasheet HTML 1Page - Pulse A Technitrol Company W9020M Datasheet HTML 2Page - Pulse A Technitrol Company W9020M Datasheet HTML 3Page - Pulse A Technitrol Company W9020M Datasheet HTML 4Page - Pulse A Technitrol Company W9020M Datasheet HTML 5Page - Pulse A Technitrol Company W9020M Datasheet HTML 6Page - Pulse A Technitrol Company W9020M Datasheet HTML 7Page - Pulse A Technitrol Company W9020M Datasheet HTML 8Page - Pulse A Technitrol Company W9020M Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Issue: 1717
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Low loss Mini Coax Jumper
Cable
PART NUMBER: W90XX
Series: Cable Assembly
3
Operating Temperature
-40-+85° C
Storage Temperature
-40-+85° C
RoHS Compliant
Yes
ENVIRONMENTAL SPECIFICATIONS


Similar Part No. - W9020M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W9020M PULSE-W9020M Datasheet
703Kb / 12P
   Low loss Mini Coax Jumper Cable
More results

Similar Description - W9020M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W90XX PULSE-W90XX Datasheet
703Kb / 12P
   Low loss Mini Coax Jumper Cable
logo
Crystek Corporation
150 CRYSTEKCRYSTAL-150_15 Datasheet
1Mb / 2P
   50 GHZ LOW LOSS RF COAX CABLE ASSEMBLIES
logo
Pasternack Enterprises,...
LMR-100A PASTERNACK-LMR-100A Datasheet
225Kb / 2P
   Flexible Low Loss Communications Coax
LMR-195 PASTERNACK-LMR-195 Datasheet
236Kb / 2P
   Flexible Low Loss Communications Coax
LMR-200 PASTERNACK-LMR-200 Datasheet
292Kb / 4P
   Flexible Low Loss Communications Coax
LMR-400 PASTERNACK-LMR-400 Datasheet
405Kb / 2P
   Flexible Low Loss Communications Coax
LMR-240 PASTERNACK-LMR-240 Datasheet
356Kb / 4P
   Flexible Low Loss Communications Coax
logo
Times Microwave Systems...
SFT-600 TIMES-SFT-600 Datasheet
348Kb / 2P
   Low Loss – High Performance Coax
logo
Belden Inc.
7731RW BELDEN-7731RW Datasheet
96Kb / 3P
   Stadium Low Loss Serial Digital Coax
logo
Pasternack Enterprises,...
PE3C4432 PASTERNACK-PE3C4432 Datasheet
480Kb / 5P
   N Male to SSMC Plug Low Loss Cable Using LMR-100 Coax
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com