Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV490-0011 Datasheet(PDF) 2 Page - SICK AG

Part # CLV490-0011
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV490-0011 Datasheet(HTML) 2 Page - SICK AG

  CLV490-0011 Datasheet HTML 1Page - SICK AG CLV490-0011 Datasheet HTML 2Page - SICK AG CLV490-0011 Datasheet HTML 3Page - SICK AG CLV490-0011 Datasheet HTML 4Page - SICK AG CLV490-0011 Datasheet HTML 5Page - SICK AG CLV490-0011 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV490-0011 | CLV49x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV490-0011
1016960
Other models and accessories
www.sick.com/CLV49x
Detailed technical data
Features
Version
Standard Density
Connection type
Standard
Reading field
Front
Scanner design
Line scanner
Focus
Auto focus (alternative: dynamic focus control)
No. of distance configurations
≤ 8
Focus adjustment time
≤ 20 ms
Focus trigger source
Switching inputs “IN 0 ... IN 4” / data interface / timer
Light source
Visible red light (650 nm)
MTBF
80,000 h
Laser class
2 (DIN EN 60825-1)
Aperture angle
≤ 60°
Scanning frequency
600 Hz ... 1,200 Hz
Code resolution
0.25 mm ... 1 mm
Reading distance
500 mm ... 2,100 mm 1)
Heating
With heating
On delay
35 ... 40 min at –35 °C and 24  V DC
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 12 (Standard decoder)
1 ... 6 (SMART decoder)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
600
No. of multiple readings
1 ... 99
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2016-10-28 19:13:08
Subject to change without notice


Similar Part No. - CLV490-0011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results

Similar Description - CLV490-0011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com