Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1003 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCLT1003
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1003 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCLT1003 Datasheet HTML 1Page - Vishay Siliconix TCLT1003 Datasheet HTML 2Page - Vishay Siliconix TCLT1003 Datasheet HTML 3Page - Vishay Siliconix TCLT1003 Datasheet HTML 4Page - Vishay Siliconix TCLT1003 Datasheet HTML 5Page - Vishay Siliconix TCLT1003 Datasheet HTML 6Page - Vishay Siliconix TCLT1003 Datasheet HTML 7Page - Vishay Siliconix TCLT1003 Datasheet HTML 8Page - Vishay Siliconix TCLT1003 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
www.vishay.com
4 (12)
Document Number 83515
Rev. A3, 19–Mar–01
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 lJA
VECO
7
V
Collector emitter cut-off cur-
rent
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Q
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Current Transfer Ratio (CTR)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1000
CTR
0.50
6.0
VCE = 5 V, IF = 10 mA
TCLT1001
CTR
0.40
0.8
VCE = 5 V, IF = 10 mA
TCLT1002
CTR
0.63
1.25
VCE = 5 V, IF = 10 mA
TCLT1003
CTR
1.0
2.0
VCE = 5 V, IF = 1 mA
TCLT1001
CTR
0.13
0.30
VCE = 5 V, IF = 1 mA
TCLT1002
CTR
0.22
0.45
VCE = 5 V, IF = 1 mA
TCLT1003
CTR
0.34
0.70
VCE = 5 V, IF = 5 mA
TCLT1005
CTR
0.5
1.5
VCE = 5 V, IF = 5 mA
TCLT1006
CTR
1.0
3.0
VCE = 5 V, IF = 5 mA
TCLT1007
CTR
0.8
1.6
VCE = 5 V, IF = 5 mA
TCLT1008
CTR
1.3
2.6
VCE = 5 V, IF = 5 mA
TCLT1009
CTR
2.0
4.0


Similar Part No. - TCLT1003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1003 VISHAY-TCLT1003 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1003 VISHAY-TCLT1003 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1003 VISHAY-TCLT1003 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1003 VISHAY-TCLT1003 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com