Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-MKI139V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-MKI139V3
Description  Microphone coupon board based on the MP23AB02B analog MEMS microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI139V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI139V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI139V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI139V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI139V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2015
DocID027501 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-MKI139V3
Microphone coupon board based on the MP23AB02B analog
MEMS microphone
Data brief
Features
4 x MP23AB02B bottom port digital MEMS
microphones
V supply from 1.6 to 3.6 V
120 dBSPL acoustic overload point
Omnidirectional sensitivity
Frequency range: 100 Hz - 10 kHz
64 dB of SNR
THD < 0.5% @ 94 dBSPL, 1 kHz
Sensitivity: -38 dBV
RoHS compliant
Description
The STEVAL-MKI139V3 is a daughterboard
containing 4 MP23AB02B analog MEMS
microphones. The coupon concept allows easy
performance testing of ST MEMS microphones. It
is possible to detach the single PCBs hosting
each microphone.


Similar Part No. - STEVAL-MKI139V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
More results

Similar Description - STEVAL-MKI139V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI129V3 STMICROELECTRONICS-STEVAL-MKI129V3 Datasheet
324Kb / 4P
   Microphone coupon board based on the MP34DT01 digital MEMS microphone
February 2013 Rev 1
STEVAL-MKI129V2 STMICROELECTRONICS-STEVAL-MKI129V2 Datasheet
110Kb / 4P
   Microphone coupon board based on the MP34DB01 digital MEMS microphone
January 2013 Rev 1
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com