Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-MKI175V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-MKI175V1
Description  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI175V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI175V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI175V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI175V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI175V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI175V1
2/4
DocID029833 Rev 1
1
Schematic diagram
Figure 1: STEVAL-MKI175V1 circuit schematic
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
Vdd_IO
Vdd_IO
SCL/SPC
SCL/SPC
SDA/SDI/SDO
SDA/SDI/SDO
CS
CS
GND
C2
100nF
+
10µF
C4
VDD
GND
VDD
C5
100nF
GND
INT2
GND
INT1
SDO
SDO
Vdd
9
Vdd_IO
10
SDA/SDI/SDO
4
SDO/SA0
3
CS
2
SCL/SPC
1
GND
7
GND
8
U1
LIS2DE12
GSPG0610160950SG


Similar Part No. - STEVAL-MKI175V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI170V1 STMICROELECTRONICS-STEVAL-MKI170V1 Datasheet
213Kb / 4P
   Complete IIS328DQ pinout for a standard DIL 24 socket
January 2016 Rev 1
STEVAL-MKI173V1 STMICROELECTRONICS-STEVAL-MKI173V1 Datasheet
221Kb / 4P
   LSM303AH adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI174V1 STMICROELECTRONICS-STEVAL-MKI174V1 Datasheet
241Kb / 4P
   LIS2DS12 adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI176V1 STMICROELECTRONICS-STEVAL-MKI176V1 Datasheet
218Kb / 4P
   Complete LSM6DS3H pinout for a standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI177V1 STMICROELECTRONICS-STEVAL-MKI177V1 Datasheet
205Kb / 4P
   Complete LPS35HW pinout for a standard DIL24 socket
October 2016 Rev 1
More results

Similar Description - STEVAL-MKI175V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com