Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-MKI177V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-MKI177V1
Description  Complete LPS35HW pinout for a standard DIL24 socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI177V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI177V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI177V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI177V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI177V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI177V1
2/4
DocID029829 Rev 1
1
Schematic diagram
Figure 1: STEVAL-MKI177V1 circuit schematic
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
SCL
C1
100nF
10µF
C2
VCC
VCC
Vdd_IO
INT1
Cs
SCL
SDA
SDO
Vdd_IO
1
SCL/SPC
2
Cs
6
INT1
7
U1
LPS35HW
C3
100nF
INT1
Cs
Vdd_IO
GSPG0510160950SG


Similar Part No. - STEVAL-MKI177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI170V1 STMICROELECTRONICS-STEVAL-MKI170V1 Datasheet
213Kb / 4P
   Complete IIS328DQ pinout for a standard DIL 24 socket
January 2016 Rev 1
STEVAL-MKI173V1 STMICROELECTRONICS-STEVAL-MKI173V1 Datasheet
221Kb / 4P
   LSM303AH adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI174V1 STMICROELECTRONICS-STEVAL-MKI174V1 Datasheet
241Kb / 4P
   LIS2DS12 adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI175V1 STMICROELECTRONICS-STEVAL-MKI175V1 Datasheet
204Kb / 4P
   RoHS compliant
October 2016 Rev 1
STEVAL-MKI176V1 STMICROELECTRONICS-STEVAL-MKI176V1 Datasheet
218Kb / 4P
   Complete LSM6DS3H pinout for a standard DIL24 socket
October 2016 Rev 1
More results

Similar Description - STEVAL-MKI177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI176V1 STMICROELECTRONICS-STEVAL-MKI176V1 Datasheet
218Kb / 4P
   Complete LSM6DS3H pinout for a standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI170V1 STMICROELECTRONICS-STEVAL-MKI170V1 Datasheet
213Kb / 4P
   Complete IIS328DQ pinout for a standard DIL 24 socket
January 2016 Rev 1
STEVAL-MKI141V2 STMICROELECTRONICS-STEVAL-MKI141V2 Datasheet
107Kb / 4P
   HTS221 humidity sensor adapter board for standard DIL24 socket (full pinout)
March 2014 Rev 1
STEVAL-MKI159V1 STMICROELECTRONICS-STEVAL-MKI159V1 Datasheet
206Kb / 4P
   LSM9DS1 adapter board for a standard DIL24 socket
September 2016 Rev 2
STEVAL-MKI120V1 STMICROELECTRONICS-STEVAL-MKI120V1 Datasheet
118Kb / 4P
   LPS331AP adapter board for a standard DIL24 socket
STEVAL-MKI182V2 STMICROELECTRONICS-STEVAL-MKI182V2 Datasheet
893Kb / 4P
   ISM330DLC adapter board for a standard DIL24 socket
Rev 1 - May 2018
STEVAL-MKI084V1 STMICROELECTRONICS-STEVAL-MKI084V1 Datasheet
89Kb / 4P
   LPY430AL adapter board for a standard DIL24 socket
STEVAL-MKI122V1 STMICROELECTRONICS-STEVAL-MKI122V1 Datasheet
203Kb / 4P
   LSM330DLC adapter board for a standard DIL24 socket
September 2016 Rev 3
STEVAL-MKI219V1 STMICROELECTRONICS-STEVAL-MKI219V1 Datasheet
192Kb / 4P
   LPS22CH adapter board for a standard DIL24 socket
Rev 1 - February 2021
STEVAL-MKI225A STMICROELECTRONICS-STEVAL-MKI225A Datasheet
1Mb / 5P
   LPS28DFW adapter board for a standard DIL24 socket
17-Mar-2022 Revision 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com