Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-OET003V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-OET003V1
Description  Evaluation board for automotive-grade ESD protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-OET003V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-OET003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-OET003V1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Bill of materials
STEVAL-OET003V1
6/10
DocID029650 Rev 1
Item
Q.ty
Reference
Value
Description
Part Number
Manufacturer
17
D1,D7
ESDCAN02-2BWY
ST
18
2
30kV
Automotive
dual-line
Transil™ for
ESD protection -
provided in
antistatic bag
ESDCAN24-2BLY
ST
19
provided in
antistatic bag
ESDCAN03-2BWY
ST
20
provided in
antistatic bag
ESDCAN01-2BLY
ST
21
4
D2,D8
Automotive
dual-line
Transil™ for
ESD protection
ESDCANxx
22
1
D21
5V reverse SMD LED - red
RED LED
OSRAM
23
1
D20
5V reverse SMD LED - blue BLUE LED
Lite-On
24
1
D19
5V reverse
SMD LED -
yellow
YELLOW LED
OSRAM
25
2
D22,D24
5V reverse
SMD LED -
green
GREEN LED
Lite-On
26
1
D23
5V reverse
SMD LED -
orange
ORANGE LED
Lite-On
27
1
D11
5V
Transil™
Unidirectional
SM4T6V7AY
ST
28
2
D5,D6
3A,40V
Schottky Diode
STPS3L40-Y
ST
29
2
J9,J12
CONN3,
400V
3way PCB
terminal block
MKDSN 1.5/3-ST-
3,81
Phoenix Contact
30
9
J1,J2,J3,J4,J6,J7,J8,J1
0,J11
STRIPLIN
E, 25V
2way single row
STRIP Line
(male) 2,54mm
pitch for
JUMPER
ANY
31
15
Jumper
JUMPER
SOCKET
AKST/Z Black
ASSMAN N
WSW
32
2
J13,J15
SWIM, 5V
SWIM
CONNECTOR
214017
ERNI
33
1
J5
CONN, 5V
INPUT
CONNECTOR
DC10B
CLIFF
ELECTRONIC
COMPONENTS
34
2
L1,L3
Common Mode
Choke
ACT45B-101-2P-
TL003
TDK
35
2
L4,L5
BEAD, 5V
BEED
INDUCTOR
BMB2A0120AN4
TE Connectivity
36
1
L2
22µH, 1A
±20%
SMD Power
Inductor
732 773 220
WE


Similar Part No. - STEVAL-OET003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-OET001V1 STMICROELECTRONICS-STEVAL-OET001V1 Datasheet
271Kb / 6P
   LCP154DJF board to validate lightning protection for SLIC transceivers
August 2016 Rev 1
STEVAL-OET002V1 STMICROELECTRONICS-STEVAL-OET002V1 Datasheet
265Kb / 4P
   MDI BRR board for EMIF02-01OABRY or EMIF02-02OABRY
October 2016 Rev 2
STEVAL-OET004V1 STMICROELECTRONICS-STEVAL-OET004V1 Datasheet
333Kb / 5P
   USB Type-C protection and filtering evaluation PCBs
December 2016 Rev 2
More results

Similar Description - STEVAL-OET003V1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA3EANP02A102J080AA TDK-CGA3EANP02A102J080AA Datasheet
131Kb / 1P
   Automotive Grade ( ESD Protection )
CGA3EAC0G2A102J080AA TDK-CGA3EAC0G2A102J080AA Datasheet
131Kb / 1P
   Automotive Grade ( ESD Protection )
logo
STMicroelectronics
ESDA6V1-5SC6Y STMICROELECTRONICS-ESDA6V1-5SC6Y Datasheet
708Kb / 12P
   Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
May 2017 Rev 3
logo
Eaton All Rights Reserv...
0402ESDA-AEC EATON-0402ESDA-AEC Datasheet
300Kb / 5P
   Automotive grade ESD suppressor
logo
STMicroelectronics
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
   Automotive quad Transil??array for ESD protection
September 2012 Rev 1
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
   Automotive dual Transil array for ESD protection
February 2012 Rev 1
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
   Automotive dual Transil array for ESD protection
logo
Semtech Corporation
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
   24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
logo
STMicroelectronics
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
   Automotive low capacitance diode array for ESD protection
November 2012 Rev 1
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
   Automotive dual Transil™ array for ESD protection
Rev 2 July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com