Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TCS003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TCS003V1
Description  24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TCS003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TCS003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2009
Doc ID 16367 Rev 1
1/5
5
STEVAL-TCS003V1
24-bit port expander demonstration board with LCD,
keypad, and PWM interfaces based on the STMPE2403
Features
Provides a user-friendly environment for use in:
– Standalone mode
–PC GUI mode
Board powered through USB Mini-B connector
PC GUI supports various power saving modes
Description
The STEVAL-TCS003V1 demonstration board is
based on the STMPE2403 port expander and the
ST7263BK6 microcontroller. It includes a PC GUI
(graphical user interface). The objective of the
board is to demonstrate the features and
capabilities of the STMPE2403 port expander
chip using a Windows®-based host software
application and one of ST’s several USB low-
speed microcontrollers (the ST7263BK6 is used
in this demonstration board) acting as a control
device. In the STEVAL-TCS003V1, the
ST7263BK6 microcontroller acts as the I2C
master and controls the STMPE2403 device,
which functions as an I2C slave. The STMPE2403
is used to interface the matrix keypad, dedicated
keys, special function keys, rotator controller and
PWM controllers. These interfaces are controlled
using I2C communication between the master and
slave devices. In run mode, events such as key
press (matrix, special function or dedicated keys),
rotator controller, power mode, etc. are captured
and displayed on the LCD screen and in the scan
window of the PC GUI. The capability of the
rotator controller is demonstrated using a 3-pin
jumper connector. For interfacing with the PC
GUI, the application layer is built above the USB
core library, making the USB interface hardware
control transparent for developers.
STEVAL-TCS003V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-TCS003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
   24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
More results

Similar Description - STEVAL-TCS003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
   24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
   LCD panels backlight demonstration board based on the LED7706
STEVAL-ILL021V1 STMICROELECTRONICS-STEVAL-ILL021V1 Datasheet
257Kb / 5P
   LCD panels backlight demonstration board based on the LED7707
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
   24-pin smartcard interface demonstration board based on the ST8034HN
August 2013 Rev 1
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com