Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF20N90K5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF20N90K5
Description  N-channel 900 V, 0.21typ., 20 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20N90K5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF20N90K5 Datasheet HTML 5Page - STMicroelectronics STF20N90K5 Datasheet HTML 6Page - STMicroelectronics STF20N90K5 Datasheet HTML 7Page - STMicroelectronics STF20N90K5 Datasheet HTML 8Page - STMicroelectronics STF20N90K5 Datasheet HTML 9Page - STMicroelectronics STF20N90K5 Datasheet HTML 10Page - STMicroelectronics STF20N90K5 Datasheet HTML 11Page - STMicroelectronics STF20N90K5 Datasheet HTML 12Page - STMicroelectronics STF20N90K5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STF20N90K5
10/13
DocID029297 Rev 3
4.1
TO-220FP package information
Figure 19: TO-220FP package outline


Similar Part No. - STF20N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20N95K5 STMICROELECTRONICS-STF20N95K5 Datasheet
1Mb / 20P
   N-channel 950 V, 0.275 廓, 17.5 A SuperMESH 5??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
More results

Similar Description - STF20N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
   N-channel 900 V, 0.21 廓 typ., 20 A MDmesh??K5 Power MOSFET in a TO-220 package
January 2017 Rev 3
STB20N90K5 STMICROELECTRONICS-STB20N90K5 Datasheet
883Kb / 15P
   N-channel 900 V, 0.21 廓 typ., 20 A MDmesh??K5 Power MOSFET in a D짼PAK package
January 2017 Rev 3
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF6N90K5 STMICROELECTRONICS-STF6N90K5 Datasheet
716Kb / 13P
   N-channel 900 V, 0.91 廓 typ., 6 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220FP package
October 2016 Rev 1
STF8N90K5 STMICROELECTRONICS-STF8N90K5 Datasheet
711Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STP7N90K5 STMICROELECTRONICS-STP7N90K5 Datasheet
729Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2016 Rev 1
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com