Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459120029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459120029
Description  12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0459120029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459120029_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0459120029_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459120029
Status:
Active
Overview:
Edge Card Connectors
Description:
12.90mm Pitch EXTreme PowerEdge™, Mixed Power/Signal Card Edge Connector,
Double Sided, 4 Segments (Power, Signal, Signal, Power Sequence), Press-Fit
Documents:
3D Model
Packaging Specification PK-45714-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
45912
Circuit Size Range
1-64 Circuits
Component Type
Edgecard to PCB
Data Rate
Unrated
Edge Card Thickness
1.57mm
High Power Bay (30.0A or more)
Yes
Orientation
Vertical
Overview
Edge Card Connectors
Product Name
EXTreme PowerEdge™
Standard Based
General
UPC
822350709965
Physical
(p)ower-(s)ignal Configuration
2p - 8s - 8s - 2p
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
250
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
High Performance Alloy (HPA), Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
8.684/g
PC Tail Length
4.50mm
PCB Thickness - Recommended
2.40mm
Packaging Type
Tray
Pitch - Mating Interface
12.90mm
Plating min - Mating
0.762µm
Plating min - Termination
3.810µm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3.0A, 40.0A
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
N/A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45912 Series
Mates With
1.58mm Double Sided Card Edge


Similar Part No. - 0459120029_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459120029 MOLEX6-0459120029 Datasheet
297Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector
More results

Similar Description - 0459120029_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459120001 MOLEX1-0459120001_17 Datasheet
49Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
0459120029 MOLEX6-0459120029 Datasheet
297Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector
0459110025 MOLEX6-0459110025 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110026 MOLEX6-0459110026 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110049 MOLEX6-0459110049 Datasheet
325Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110030 MOLEX6-0459110030 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110015 MOLEX6-0459110015 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110039 MOLEX6-0459110039 Datasheet
342Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110048 MOLEX6-0459110048 Datasheet
325Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
0459120025 MOLEX6-0459120025 Datasheet
297Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com