Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCMT111 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TCMT111
Description  Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT111 Datasheet(HTML) 8 Page - Vishay Siliconix

  TCMT111 Datasheet HTML 1Page - Vishay Siliconix TCMT111 Datasheet HTML 2Page - Vishay Siliconix TCMT111 Datasheet HTML 3Page - Vishay Siliconix TCMT111 Datasheet HTML 4Page - Vishay Siliconix TCMT111 Datasheet HTML 5Page - Vishay Siliconix TCMT111 Datasheet HTML 6Page - Vishay Siliconix TCMT111 Datasheet HTML 7Page - Vishay Siliconix TCMT111 Datasheet HTML 8Page - Vishay Siliconix TCMT111 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TCMT111. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Mar-16
8
Document Number: 81862
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING INFORMATION (TAPE AND REEL) in millimeters
Fig. 17 - Tape and Reel Shipping Medium
Fig. 18 - Tape and Reel Packing (3000 parts per reel)
SOLDER PROFILES
Fig. 19 - Lead (Pb)-free Reflow Solder Profile According to
J-STD-020 for SMD Devices
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
Top cover tape
Embossment
Embossed carrier
17998
7.5 ± 0.1
1.75 ± 0.1
16 ± 0.3
8 ± 0.1
2.95 ± 0.1
1.6 ± 0.1
Pin 1
2 ± 0.1
4 ± 0.1
1.55 ± 0.05
7.4 ± 0.1
0.3 ± 0.05
7.4 ± 0.1
4.4
2.6 ± 0.1
2.2 ± 0.1
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - TCMT111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1110 VISHAY-TCMT1110 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT1111 VISHAY-TCMT1111 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT1112 VISHAY-TCMT1112 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT1113 VISHAY-TCMT1113 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT1114 VISHAY-TCMT1114 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
More results

Similar Description - TCMT111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.5, 02-Feb-05
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com