Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D1620CCMLS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1620CCMLS
Description  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1620CCMLS Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12D1620CCMLS Datasheet HTML 6Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 7Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 8Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 9Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 10Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 11Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 12Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 13Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
VDR
DR GND
+
-
+
-
VDR
DR GND
+
-
+
-
10
ADC12D1620QML-SP
SNAS717 – APRIL 2017
www.ti.com
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins (continued)
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
VDR
A11, A15, C18,
D11, D15,
D17, J17, J20,
R17, R20, T17,
U11, U15,
U16, Y11, Y15
P
Power supply for the output drivers
NONE
VE
A8, B9, C8,
V8, W9, Y8
P
Power supply for the digital encoder
NONE
VTC
G1, G3, G4,
H2, J3, K3, L3,
M3, N2, P1,
P3, P4, R3, R4
P
Power supply for the track-and-hold and clock
circuitry
NONE
HIGH-SPEED DIGITAL OUTPUT PINS
DCLKI+,
DCLKI–
DCLKQ+,
DCLKQ–
K19/K20
L19/L20
O
Data clock output for the I- and Q-channel data bus.
These differential clock outputs are used to latch the
output data and, if used, terminate with a 100-Ω
differential resistor placed as closely as possible to
the differential receiver. Delayed and non-delayed
data outputs are supplied synchronously to this
signal. The DCLK rates for all of the available
modes can be found in Table 8. DCLKI and DCLKQ
are always in phase with each other, unless one
channel is powered down, and do not require a
pulse from DCLK_RST to become synchronized.
DI11+, DI11–
DI10+, DI10–
DI9+, DI9–
DI8+, DI8–
DI7+, DI7–
DI6+, DI6–
DI5+, DI5–
DI4+, DI4–
DI3+, DI3–
DI2+, DI2–
DI1+,DI1 –
DI0+, DI0–
·
DQ11+, DQ11–
DQ10+, DQ10–
DQ9+, DQ9–
DQ8+, DQ8–
DQ7+, DQ7–
DQ6+, DQ6–
DQ5+, DQ5–
DQ4+, DQ4–
DQ3+, DQ3–
DQ2+, DQ2–
DQ1+, DQ1–
DQ0+, DQ0–
J18/J19
H19/H20
H17/H18
G19/G20
G17/G18
F18/F19
E19/E20
D19/D20
D18/E18
C19/C20
B19/B20
B18/C17
·
M18/M19
N19/N20
N17/N18
P19/P20
P17/P18
R18/R19
T19/T20
U19/U20
U18/T18
V19/V20
W19/W20
W18/V17
O
I- and Q-channel digital data outputs. In non-demux
mode, this LVDS data is transmitted at the sampling
clock rate. In demux mode, these outputs provide ½
the data at ½ the sampling clock rate, synchronized
with the delayed data; that is, the other ½ of the
data which was sampled one clock cycle earlier.
Compared with the DId and DQd outputs, these
outputs represent the later time samples. If used,
terminate each of these outputs with a 100-Ω
differential resistor placed as closely as possible to
the differential receiver.


Similar Part No. - ADC12D1620CCMLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620CCMLS TI-ADC12D1620CCMLS Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12D1620CCMLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com