Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1119 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT1119
Description  Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1119 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT1119 Datasheet HTML 1Page - Vishay Siliconix TCLT1119 Datasheet HTML 2Page - Vishay Siliconix TCLT1119 Datasheet HTML 3Page - Vishay Siliconix TCLT1119 Datasheet HTML 4Page - Vishay Siliconix TCLT1119 Datasheet HTML 5Page - Vishay Siliconix TCLT1119 Datasheet HTML 6Page - Vishay Siliconix TCLT1119 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TCLT111. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-Oct-15
1
Document Number: 81282
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, SOP-6L5,
110 °C Rated, Half Pitch, Long Mini-Flat Package
DESCRIPTION
The TCLT111. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
5-lead SOP-6L package.
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
FEATURES
• SMD low profile 5 pin package
• Isolation test voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to 110 °C
• Creepage distance > 8 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E76222
• cUL - file no. E76222, equivalent to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5)
•FIMKO
•BSI
•CQC
54
3
1
2
22649
ORDERING INFORMATION
T
C
L
T
1
11#
PART NUMBER
AGENCY
CERTIFIED/
PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, VDE,
FIMKO, CQC
50 to 600
40 to 80
63 to 125
100 to 200 160 to 320
50 to 150
100 to 300
80 to 160
130 to 260 200 to 400
SOP-6L5
TCLT1110 TCLT1111 TCLT1112 TCLT1113
TCLT1114 TCLT1115 TCLT1116 TCLT1117 TCLT1118
TCLT1119
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
10.2 mm
SOP-6L5


Similar Part No. - TCLT1119

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1119 VISHAY-TCLT1119 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
More results

Similar Description - TCLT1119

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2023
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.1, 09-Jan-08
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
Rev. 2.1, 23-May-13
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2022
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2023
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com