Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511SN15T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP511SN15T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN15T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP511SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 9Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 10Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 11Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP511
http://onsemi.com
8
APPLICATIONS INFORMATION
A typical application circuit for the NCP511 series is
shown in Figure 16.
Input Decoupling (C1)
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP511
package. Higher values and lower ESR will improve the
overall line transient response.
Output Decoupling (C2)
The NCP511 is a stable Regulator and does not require any
specific Equivalent Series Resistance (ESR) or a minimum
output current. Capacitors exhibiting ESRs ranging from a
few m
W up to 3.0 W can thus safely be used. The minimum
decoupling value is 1.0
mF and can be augmented to fulfill
stringent load transient requirements. The regulator accepts
ceramic chip capacitors as well as tantalum devices. Larger
values improve noise rejection and load regulation transient
response.
Enable Operation
The enable pin will turn on or off the regulator. These
limits of threshold are covered in the electrical specification
section of this data sheet. If the enable is not used then the
pin should be connected to Vin.
Hints
Please be sure the Vin and GND lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads a short as
possible.
Thermal
As power across the NCP511 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material and also the ambient
temperature effect the rate of temperature rise for the part.
This is stating that when the NCP511 has good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP511 can dissipate up to
400 mW @ 25
°C.
The power dissipated by the NCP511 can be calculated
from the following equation:
Ptot + [Vin *Ignd (Iout)] ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If a 150 mA output current is needed then the ground
current from the data sheet is 40
mA. For an NCP511SN30T1
(3.0 V), the maximum input voltage will then be 5.6 V.
Figure 16. Typical Application Circuit
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
1
10
0.1
0.01
100
IO, OUTPUT CURRENT (mA)
Figure 17. Output Capacitor vs. Output Current
0
150
25
50
75
100
125
Cout = 1 mF to 10 mF
TA = 25°C to 125°C
Vin = up to 6.0 V
UNSTABLE
STABLE


Similar Part No. - NCP511SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN15T1G ONSEMI-NCP511SN15T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN15T1G ONSEMI-NCP511SN15T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com