Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVT
Description  36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA191IDBVT Datasheet HTML 1Page - Texas Instruments OPA191IDBVT Datasheet HTML 2Page - Texas Instruments OPA191IDBVT Datasheet HTML 3Page - Texas Instruments OPA191IDBVT Datasheet HTML 4Page - Texas Instruments OPA191IDBVT Datasheet HTML 5Page - Texas Instruments OPA191IDBVT Datasheet HTML 6Page - Texas Instruments OPA191IDBVT Datasheet HTML 7Page - Texas Instruments OPA191IDBVT Datasheet HTML 8Page - Texas Instruments OPA191IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4
OPA191, OPA2191, OPA4191
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions: OPA191
PIN
I/O
DESCRIPTION
NAME
OPA191
D (SOIC),
DGK (VSSOP)
DBV (SOT)
+IN
3
3
I
Noninverting input
–IN
2
4
I
Inverting input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
6
1
O
Output
V+
7
5
Positive (highest) power supply
V–
4
2
Negative (lowest) power supply
Pin Functions: OPA2191 and OPA4191
PIN
I/O
DESCRIPTION
NAME
OPA2191
OPA4191
D (SOIC),
DGK (VSSOP)
D (SOIC),
PW (TSSOP)
+IN A
3
3
I
Noninverting input, channel A
+IN B
5
5
I
Noninverting input, channel B
+IN C
10
I
Noninverting input, channel C
+IN D
12
I
Noninverting input, channel D
–IN A
2
2
I
Inverting input, channel A
–IN B
6
6
I
Inverting input, channel B
–IN C
9
I
Inverting input,,channel C
–IN D
13
I
Inverting input, channel D
OUT A
1
1
O
Output, channel A
OUT B
7
7
O
Output, channel B
OUT C
8
O
Output, channel C
OUT D
14
O
Output, channel D
V+
8
4
Positive (highest) power supply
V–
4
11
Negative (lowest) power supply


Similar Part No. - OPA191IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191IDBVT TI1-OPA191IDBVT Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191IDBVT TI1-OPA191IDBVT Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDBVT TI1-OPA191IDBVT Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDBVT TI1-OPA191IDBVT Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDBVT TI1-OPA191IDBVT Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA191IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com