Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1729SN35T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1729SN35T1
Description  Switched Capacitor Voltage Inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729SN35T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1729SN35T1 Datasheet HTML 1Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 2Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 3Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 4Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 5Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 6Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 7Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 8Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 3
1
Publication Order Number:
NCP1729/D
NCP1729
Switched Capacitor
Voltage Inverter
The NCP1729 is a CMOS charge pump voltage inverter that is
designed for operation over an input voltage range of 1.15 V to 5.5 V
with an output current capability in excess of 50 mA. The operating
current consumption is only 122
mA, and a power saving shutdown
input is provided to further reduce the current to a mere 0.4
mA. The
device contains a 35 kHz oscillator that drives four low resistance
MOSFET switches, yielding a low output resistance of 26
W and a
voltage conversion efficiency of 99%. This device requires only two
external 3.3
mF capacitors for a complete inverter making it an ideal
solution for numerous battery powered and board level applications.
The NCP1729 is available in the space saving TSOP−6 package.
Features
Operating Voltage Range of 1.15 V to 5.5 V
Output Current Capability in Excess of 50 mA
Low Current Consumption of 122 mA
Power Saving Shutdown Input for a Reduced Current of 0.4 mA
Operation at 35 kHz
Low Output Resistance of 26 W
Space Saving TSOP−6 Package
Pb−Free Package is Available
Typical Applications
LCD Panel Bias
Cellular Telephones
Pagers
Personal Digital Assistants
Electronic Games
Digital Cameras
Camcorders
Hand Held Instruments
6
4
2
3
1
Figure 1. Typical Application
−Vout
Vin
5
This device contains 77 active transistors.
PIN CONNECTIONS
1
3
GND
Vout
2
C−
4
C+
6
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
NCP1729SN35T1
TSOP−6
3000 /
Tape & Reel
5
SHDN
TSOP−6
(SOT23−6)
SN SUFFIX
CASE 318G
MARKING
DIAGRAM
EADYW
EAD
= Device Code
Y
= Year
W
= Work Week
1
6
Vin
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1729SN35T1G
TSOP−6
(Pb−Free)
3000 /
Tape & Reel
1
http://onsemi.com


Similar Part No. - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results

Similar Description - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com