Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN263T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP803SN263T1
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN263T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP803SN263T1 Datasheet HTML 1Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 2Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 3Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 4Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 5Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 6Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 7Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP803
http://onsemi.com
2
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while VCC is below the reset voltage threshold, and for 240 msec (typ.)
after VCC rises above reset threshold.
3
VCC
Supply Voltage: C = 100 nF is recommended as a bypass capacitor between VCC and GND.
ABSOLUTE MAXIMUM RATINGS* (Note 1)
Rating
Symbol
Value
Unit
Supply Voltage (VCC to GND)
VCC
6.0
V
RESET
-0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current, RESET
20
mA
dV/dt (VCC)
100
V/
µsec
Thermal Resistance, Junction to Air
RqJA
491
°C/W
Operating Temperature Range
TA
-40 to +105
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
Tsol
+260
°C
Latch-up performance:
Negative
ILatch- up
150
mA
*Maximum Ratings are those values beyond which damage to the device may occur.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 4000 V per MIL-STD-883, Method 3015.
Machine Model Method 400 V.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
R
qJA
with TJ(max) = 150°C


Similar Part No. - NCP803SN263T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN263T1G ONSEMI-NCP803SN263T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN263T1G ONSEMI-NCP803SN263T1G Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
More results

Similar Description - NCP803SN263T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com