Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN263T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP803SN263T1
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN263T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP803SN263T1 Datasheet HTML 1Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 2Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 3Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 4Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 5Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 6Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 7Page - ON Semiconductor NCP803SN263T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP803
http://onsemi.com
4
APPLICATIONS INFORMATION
VCC Transient Rejection
The NCP803 provides accurate VCC monitoring and reset
timing during power-up, power-down, and brownout/sag
conditions, and rejects negative-going transients (glitches)
on the power supply line. Figure 2 shows the maximum
transient duration vs. maximum negative excursion
(overdrive) for glitch rejection. Any combination of
duration and overdrive which lies under the curve will not
generate a reset signal. Combinations above the curve are
detected as a brownout or power-down. Typically, transient
that goes 100 mV below the reset threshold and lasts 5
µs or
less will not cause a reset pulse. Transient immunity can be
improved by adding a capacitor in close proximity to the VCC
pin.
Figure 2. Maximum Transient Duration vs. Overdrive
for Glitch Rejection at 25
°C
Duration
VTH
Overdrive
VCC
10
250
200
40
30
50
300
RESET COMPARATOR OVERDRIVE (mV)
0
60
150
100
20
50
70
80
90 100
VTH = 3.08 V
VTH = 1.6 V
VTH = 4.9 V
Processors With Bidirectional I/O Pins
Some
µP’s (such as Motorola 68HC11) have
bi-directional reset pins which interface easily with the
Open Drain RESET output of the NCP803. As shown in
Figure 3, one can connect directly to the RESET output of
the NCP803 to the RESET pin of the
µP. The pull-up resistor
avoids an undetermined voltage of the RESET pin.
Figure 3. Interfacing to Bidirectional Reset I/O
VCC
VCC
VCC
RESET
RESET
NCP803
GND
GND
µP
0
0
Rpull- up
C = 100 nF
NCP803 RESET Output Allows Use With Two Power
Supplies
In numerous applications the pull-up resistor placed on
the RESET output is connected to the supply voltage
monitored by the IC. Nevertheless, a different supply
voltage can also power this output and so level-shift from
the monitored supply to reset the
µP. However, if the
NCP803’s supply goes below 1 V, the RESET output ability
to sink current will decrease and the result is a high state on
the pin even though the supply’s IC is under the threshold
level. This occurs at a VCC level that depends on the Rpull- up
value and the voltage to which it is connected.
Figure 4. RESET Output with Two Power Supplies
VCC
VCC
RESET
RESET
NCP803
GND
GND
µP
0
0
Rpull- up
C = 100 nF
+3.3 V
+5.0 V


Similar Part No. - NCP803SN263T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN263T1 ONSEMI-NCP803SN263T1 Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN263T1G ONSEMI-NCP803SN263T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN263T1G ONSEMI-NCP803SN263T1G Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
More results

Similar Description - NCP803SN263T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com