Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511SN25T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP511SN25T1
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN25T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP511SN25T1 Datasheet HTML 4Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 5Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 6Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 7Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 8Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 9Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 10Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 11Page - ON Semiconductor NCP511SN25T1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP511
http://onsemi.com
11
PACKAGE DIMENSIONS
TSOP−5/SOT23−5/ SC59−5
SN SUFFIX
PLASTIC PACKAGE
CASE 483−02
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. A AND B DIMENSIONS DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10 0.1142 0.1220
B
1.30
1.70 0.0512 0.0669
C
0.90
1.10 0.0354 0.0433
D
0.25
0.50 0.0098 0.0197
G
0.85
1.05 0.0335 0.0413
H
0.013
0.100 0.0005 0.0040
J
0.10
0.26 0.0040 0.0102
K
0.20
0.60 0.0079 0.0236
L
1.25
1.55 0.0493 0.0610
M
0
10
0
10
S
2.50
3.00 0.0985 0.1181
0.05 (0.002)
12
3
54
S
A
G
L
B
D
H
C
K
M
J
__
_
_
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
TSOP−5/THIN SOT23−5/SC59−5
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074


Similar Part No. - NCP511SN25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN25T1 ONSEMI-NCP511SN25T1 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN25T1G ONSEMI-NCP511SN25T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN25T1G ONSEMI-NCP511SN25T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com