Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3357BZCZA80 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM3357BZCZA80
Description  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3357BZCZA80 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM3357BZCZA80 Datasheet HTML 5Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 6Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 7Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 8Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 9Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 10Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 11Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 12Page - Texas Instruments AM3357BZCZA80 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 253 page
background image
9
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Comparison
Copyright © 2011–2016, Texas Instruments Incorporated
Table 3-1. Device Features Comparison (continued)
FUNCTION
AM3351
AM3352
AM3354
AM3356
AM3357
AM3358
AM3359
Multichannel audio serial
port (McASP)
2
2
2
2
2
2
2
Multichannel serial port
interface (McSPI)
2
2
2
2
2
2
2
Enhanced direct memory
access (EDMA)
64-Ch
64-Ch
64-Ch
64-Ch
64-Ch
64-Ch
64-Ch
Input/output (I/O) supply
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
Operating temperature
range
0 to 90°C
–40 to 105°C
-40 to 125°C(4)
–40 to 105°C
–40 to 90°C
0 to 90°C
–40 to 105°C
–40 to 90°C
0 to 90°C
–40 to 105°C
–40 to 90°C
0 to 90°C
–40 to 105°C
–40 to 90°C
–40 to 105°C
–40 to 90°C
0 to 90°C
–40 to 105°C
–40 to 90°C
(1) Frequencies listed correspond to silicon revision 2.x. Earlier silicon revisions support 275 MHz, 500 MHz, 600 MHz, and 720 MHz.
(2) MIPS listed correspond to silicon revision 2.x. Earlier silicon revisions support 560, 1000, 1200, and 1440.
(3) DRAM speeds listed are data rates.
(4) Industrial extended temperature only supported for 300-MHz and 600-MHz frequencies.
3.1
Related Products
For information about other devices in this family of products, see the following links:
Sitara Processors Scalable processors based on ARM Cortex-A cores with flexible peripherals,
connectivity and unified software support – perfect for sensors to servers.
TI's ARM Cortex-A8 Advantage The ARM Cortex-A8 core is highly-optimized by ARM for performance
and power efficiency. With the ability to scale in speed from 300MHz to 1.35GHz, the ARM
Cortex-A8-based processor can meet the requirements for power optimized devices with a
power budget of less than the Cortex-A8 core a dual-issue superscalar, achieving twice the
instructions executed per clock cycle at 2 DMIPS/MHz.
Sitara AM335x Processors
Scalable ARM Cortex-A8-based core from 300 MHz up to 1 GHz, 3D
graphics option for enhanced user interface, dual-core PRU-ICSS for industrial Ethernet
protocols and position feedback control, and premium secure boot option.
Companion Products for Sitara AM335x Processors Review products that are frequently purchased or
used in conjunction with this product.
TI Designs for Sitara AM335x Processors TI Designs Reference Design Library is a robust reference
design library spanning analog, embedded processor and connectivity. Created by TI experts
to help you jump start your system design, all TI Designs include schematic or block
diagrams, BOMs and design files to speed your time to market. Search and download
designs at ti.com/tidesigns.


Similar Part No. - AM3357BZCZA80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3357BZCZA80 TI1-AM3357BZCZA80 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3357BZCZA80 TI1-AM3357BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA80 TI1-AM3357BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA80 TI1-AM3357BZCZA80 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA80 TI1-AM3357BZCZA80 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AM3357BZCZA80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com