Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805FR-131MP Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC0805FR-131MP
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FR-131MP Datasheet(HTML) 4 Page - YAGEO Corporation

  RC0805FR-131MP Datasheet HTML 1Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 2Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 3Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 4Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 5Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 6Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 7Page - YAGEO Corporation RC0805FR-131MP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
4
8
SERIES
RC_P
0100 to 2512
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
RC0100
0.40±0.02
0.20±0.02
0.13±0.02
0.10±0.03
0.10±0.03
RC0201
0.60±0.03
0.30±0.03
0.23±0.03
0.10±0.05
0.15±0.05
RC0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
RC0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.15
0.25±0.15
RC0805
2.00±0.10
1.25±0.10
0.50±0.10
0.35±0.20
0.35±0.20
RC1206
3.10±0.10
1.60±0.10
0.55±0.10
0.45±0.20
0.40±0.20
RC1210
3.10±0.10
2.60±0.15
0.50±0.10
0.45±0.15
0.50±0.20
RC1218
3.10±0.10
4.60±0.10
0.55±0.10
0.45±0.20
0.40±0.20
RC2010
5.00±0.10
2.50±0.15
0.55±0.10
0.45±0.15
0.50±0.20
RC2512
6.35±0.10
3.10±0.15
0.55±0.10
0.60±0.20
0.50±0.20
DIMENSION
Table 1
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
TYPE
RESISTANCE
RANGE
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstandin
g Voltage
Temperature Coefficient
of Resistance
Jumper Criteria
RC0100
5% (E24)
1Ω≦R≦22MΩ
(0201: Max.10MΩ,
0100/1218:
Max. 1MΩ)
1% (E24/E96)
1Ω≦R≦10MΩ
(0100/1218:
Max. 1MΩ)
0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
–55 °C to +125 °C
15V
30V
30V
1Ω≤R≤10Ω: -200~+600ppm/℃
10Ω<R≤100Ω: ±370ppm/℃
100Ω<R≤1MΩ: ±250ppm/℃
Rated Current
Max. Curren
0.5A
1A
RC0201
25V
50V
50V
1Ω≤R≤10Ω: -100~+500ppm/℃
10Ω<R≤100Ω: ±300ppm/℃
100Ω<R≤10MΩ: ±200ppm/℃
Rated Current
Max. Curren
0.5A
1A
RC0402
–55 °C to +155 °C
50 V
100 V
100 V
1Ω≤R≤10Ω: ±350ppm/℃
10Ω<R≤100Ω: ±200ppm/℃
100Ω<R≤10MΩ: ±150ppm/℃
10MΩ<R≤22MΩ: ±200ppm/℃
Rated Current
Max. Current
1A
2A
RC0603
75V
150 V
150 V
1Ω≤R≤10Ω: ±300ppm/℃
10Ω<R≤100Ω: ±200ppm/℃
100Ω<R≤10MΩ: ±150ppm/℃
10MΩ<R≤22MΩ: ±200ppm/℃
Rated Current
Max. Current
1A
2A
RC0805
150 V
300 V
300 V
1Ω≤R≤10Ω: ±300ppm/℃
10Ω<R≤100Ω: ±150ppm/℃
100Ω<R≤10MΩ: ±100ppm/℃
10MΩ<R≤22MΩ: ±200ppm/℃
Rated Current
Max. Current
2A
5A
RC1206
200 V
400 V
500 V
1Ω≤R≤10Ω: ±300ppm/℃
10Ω<R≤100Ω: ±100ppm/℃
100Ω<R≤10MΩ: ±100ppm/℃
10MΩ<R≤22MΩ: ±200ppm/℃
Rated Current
2A
Max. Current 10A
RC1210
200V
500 V
500V
Rated Current
2A
Max. Current 10A
RC1218
Rated Current
6A
Max. Current 10A
RC2010
Rated Current
2A
Max. Current 10A
RC2512
Rated Current
2A
Max. Current 10A


Similar Part No. - RC0805FR-131MP

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-131M YAGEO-RC0805FR-131M Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-131ML YAGEO-RC0805FR-131ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FR-131MP

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com