Electronic Components Datasheet Search |
|
RC0603DS-0797R6L Datasheet(PDF) 8 Page - YAGEO Corporation |
|
RC0603DS-0797R6L Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 10 page Chip Resistor Surface Mount www.yageo.com Feb. 17, 2017 V.5 Product specification 8 10 SERIES RC_L 0075 to 2512 TESTS AND REQUIREMENTS TEST TEST METHOD PROCEDURE REQUIREMENTS Temperature Coefficient of Resistance (T.C.R.) MIL-STD-202 Method 304 At +25/–55 °C and +25/+125 °C Refer to table 2 Formula: T.C.R= ) t t ( R R R 1 2 1 1 2 × 106 (ppm/°C) Where t1=+25 °C or specified room temperature t2=–55 °C or +125 °C test temperature R1=resistance at reference temperature in ohms R2=resistance at test temperature in ohms Life/ Endurance MIL-STD-202 Method 108A IEC 60115-1 4.25.1 At 70± 2°C for 1,000 hours; RCWV applied for 1.5 hours on and 0.5 hour off, still air required 0075: ± (5%+100mΩ) <100mΩ for jumper 01005: ± (3% +50mΩ ) < 100mΩ f or jumper Others: ± (1%+50mΩ) for B/D/F tol ± (3%+50mΩ) for J tol <100mR for jumper High Temperature Exposure MIL-STD-202 Method 108A IEC 60068-2-2 1,000 hours at maximum operating temperature depending on specification, unpowered. 0075: ± (5%+100mΩ) <100mΩ for jumper 01005: ± (1% +50mΩ) < 50mΩf or jumper Others: ± (1%+50mΩ) for B/D/F tol ± (2%+50mΩ) for J tol <50mR for jumper Moisture Resistance MIL-STD-202 Method 106G Each temperature / humidity cycle is defined at 8 hours (method 106F), 3 cycles / 24 hours for 10d with 25 °C / 65 °C 95% R.H, without steps 7a & 7b, unpowered Parts mounted on test-boards, without condensation on parts 0075: ± (2%+100mΩ) <100mΩ for jumper 01005: ± (2% +50mΩ) < 100mΩf or jumper Others: ± (0.5%+50mΩ) for B/ D/F tol ± (2%+50mΩ) for J tol <100mR for jumper Humidity IEC 60115-1 4.24.2 Steady state for 1000 hours at 40 °C / 95% R.H. RCWV applied for 1.5 hours on and 0.5 hour off 0075: ± (5%+100mΩ) no visible damage 01005: ± (3% +50mΩ) < 100mΩf or jumper Others: ± (1%+50mΩ) for B/D/F tol ± (2%+50mΩ) for J tol <100mR for jumper Table 8 Test condition, procedure and requirements |
Similar Part No. - RC0603DS-0797R6L |
|
Similar Description - RC0603DS-0797R6L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |