Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FS-0797R6L Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RC0603FS-0797R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603FS-0797R6L Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button RC0603FS-0797R6L Datasheet HTML 2Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 3Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 4Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 5Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 6Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 7Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 8Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 9Page - YAGEO Corporation RC0603FS-0797R6L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
8
10
SERIES
RC_L
0075 to 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient of
Resistance
(T.C.R.)
MIL-STD-202 Method 304
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R=
)
t
t
(
R
R
R
1
2
1
1
2
× 106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Life/ Endurance
MIL-STD-202 Method 108A
IEC 60115-1 4.25.1
At 70± 2°C for 1,000 hours; RCWV applied for
1.5 hours on and 0.5 hour off, still air required
0075: ± (5%+100mΩ)
<100mΩ for jumper
01005: ± (3% +50mΩ )
< 100mΩ f or jumper
Others:
± (1%+50mΩ) for B/D/F tol
± (3%+50mΩ) for J tol
<100mR for jumper
High
Temperature
Exposure
MIL-STD-202 Method 108A
IEC 60068-2-2
1,000 hours at maximum operating temperature
depending on specification, unpowered.
0075: ± (5%+100mΩ)
<100mΩ for jumper
01005: ± (1% +50mΩ)
< 50mΩf or jumper
Others:
± (1%+50mΩ) for B/D/F tol
± (2%+50mΩ) for J tol
<50mR for jumper
Moisture
Resistance
MIL-STD-202 Method 106G
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d with 25 °C / 65 °C 95% R.H, without steps
7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
0075: ± (2%+100mΩ)
<100mΩ for jumper
01005: ± (2% +50mΩ)
< 100mΩf or jumper
Others:
± (0.5%+50mΩ) for B/ D/F tol
± (2%+50mΩ) for J tol
<100mR for jumper
Humidity
IEC 60115-1 4.24.2
Steady state for 1000 hours at 40 °C / 95% R.H.
RCWV applied for 1.5 hours on and
0.5 hour off
0075: ± (5%+100mΩ)
no visible damage
01005: ± (3% +50mΩ)
< 100mΩf or jumper
Others:
± (1%+50mΩ) for B/D/F tol
± (2%+50mΩ) for J tol
<100mR for jumper
Table 8 Test condition, procedure and requirements


Similar Part No. - RC0603FS-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FS-0797R6P YAGEO-RC0603FS-0797R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0603FS-0797R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com