Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA694
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA694 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA694 Datasheet HTML 1Page - Burr-Brown (TI) OPA694 Datasheet HTML 2Page - Burr-Brown (TI) OPA694 Datasheet HTML 3Page - Burr-Brown (TI) OPA694 Datasheet HTML 4Page - Burr-Brown (TI) OPA694 Datasheet HTML 5Page - Burr-Brown (TI) OPA694 Datasheet HTML 6Page - Burr-Brown (TI) OPA694 Datasheet HTML 7Page - Burr-Brown (TI) OPA694 Datasheet HTML 8Page - Burr-Brown (TI) OPA694 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OPA694
SBOS319C − SEPTEMBER 2004 − REVISED NOVEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
OPA694ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL(3)
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth
G = +1, VO = 0.5VPP, RF = 430Ω
1500
MHz
typ
C
G = +2, VO = 0.5VPP, RF = 402Ω
690
350
340
330
MHz
min
B
G = +5, VO = 0.5VPP, RF = 318Ω
250
200
180
160
MHz
min
B
G = +10, VO = 0.5VPP, RF = 178Ω
200
150
130
120
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +1, VO = 0.5VPP, RF = 430Ω
90
MHz
typ
C
Peaking at a Gain of +1
VO ≤ 0.2VPP, RF = 430Ω
2
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
675
MHz
typ
C
Slew Rate
G = +2, 2V Step
1700
1300
1275
1250
V/
µs
min
B
Rise Time and Fall Time
G = +2, VO = 0.2V Step
0.8
ns
typ
C
Settling Time to 0.01%
G = +2, VO = 2V Step
20
ns
typ
C
to 0.1%
G = +2, VO = 2V Step
13
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
−68
−63
−62
−61
dBc
max
B
RL ≥ 500Ω
−92
−87
−85
−83
dBc
max
B
3rd-Harmonic
RL = 100Ω
−72
−69
−67
−66
dBc
max
B
RL ≥ 500Ω
−93
−88
−86
−84
dBc
max
B
Input Voltage Noise Density
f > 1MHz
2.1
2.4
2.8
3.0
nV/
√Hz
max
B
Inverting Input Current Noise Density
f > 1MHz
22
24
26
28
pA/
√Hz
max
B
Noninverting Input Current Noise Density
f > 1MHz
24
26
28
30
pA/
√Hz
max
B
NTSC Differential Gain
VO = 1.4VPP, RL = 150Ω
0.03
%
typ
C
VO = 1.4VPP, RL = 37.5Ω
0.05
%
typ
C
NTSC Differential Phase
G = +2, VO = 1.4VPP, RL = 150Ω
0.015
°
typ
C
VO = 1.4VPP, RL = 37.5Ω
0.16
°
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance
VO = 0V, RL = 100Ω
145
90
65
60
k
min
A
Input Offset Voltage
VCM = 0V
±0.5
±3.0
±3.7
±4.1
mV
max
A
Average Input Offset Voltage Drift
VCM = 0V
12
15
µV/°C
max
B
Non-inverting Input Bias Current
VCM = 0V
±5
±20
±26
±31
µA
max
A
Average Input Bias Current Drift
VCM = 0V
±100
±150
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±2
±18
±26
±38
µA
max
A
Average Input Bias Current Drift
VCM = 0V
±150
±200
nA/
°C
max
B
INPUT
Common-mode Input Voltage(5) (CMIR)
±2.5
±2.3
±2.2
±2.1
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
60
55
53
51
dB
min
A
Noninverting Input Impedance
280
 1.2
k
Ω pF
typ
C
Inverting Input Resistance
Open-Loop
30
typ
C
OUTPUT
Voltage Output Voltage
No Load
±4
±3.8
±3.7
±3.6
V
min
A
RL = 100Ω
±3.4
±3.1
±3.1
±3.0
V
min
A
Output Current
VO = 0V
±80
±60
±58
±50
mA
min
A
Short-Circuit Output Current
VO = 0V
±200
mA
typ
C
Closed-Loop Output Impedance
G = +2, f =100kHz
0.02
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +9°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical
value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at ±CMIR limits.


Similar Part No. - OPA694

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA694 TI1-OPA694 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694ID TI1-OPA694ID Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694ID TI1-OPA694ID Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA694

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com