Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12H065-Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPSC12H065-Y
Description  Dedicated to PFC applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12H065-Y Datasheet(HTML) 8 Page - STMicroelectronics

  STPSC12H065-Y Datasheet HTML 1Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 2Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 3Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 4Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 5Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 6Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 7Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 8Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPSC12H065-Y
8/9
DocID026617 Rev 4
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPSC12H065DY
PSC12H065DY
TO-220AC
1.86 g
50
Tube
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
04-Sep-2014
1
First issue.
19-Sep-2014
2
Updated Table 7.
12-Mar-2015
3
Added AEC-Q101 qualified.
24-Oct-2016
4
Updated Table 7: "Ordering information".


Similar Part No. - STPSC12H065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12H065 STMICROELECTRONICS-STPSC12H065 Datasheet
146Kb / 8P
   650 V power Schottky silicon carbide diode
July 2015 Rev 2
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
STPSC12H065CT STMICROELECTRONICS-STPSC12H065CT Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
More results

Similar Description - STPSC12H065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
   Dedicated to PFC applications
September 2014 Rev 2
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Toshiba Semiconductor
GT30J122A TOSHIBA-GT30J122A Datasheet
199Kb / 7P
   Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
logo
Vishay Siliconix
PP27EA VISHAY-PP27EA_V01 Datasheet
102Kb / 3P
   Redundant Sensor Dedicated to Aeronautic Applications
01-Jan-2022
PP27EA VISHAY-PP27EA Datasheet
105Kb / 3P
   Redundant Sensor Dedicated to Aeronautic Applications
Revision: 06-Oct-16
PP22SA VISHAY-PP22SA Datasheet
336Kb / 3P
   High Reliable Sensor Dedicated to Aeronautic Applications
Revision: 25-Nov-16
PP22SA VISHAY-PP22SA_V01 Datasheet
333Kb / 3P
   High Reliable Sensor Dedicated to Aeronautic Applications
01-Jan-2022
logo
Toshiba Semiconductor
TPCL4203 TOSHIBA-TPCL4203 Datasheet
379Kb / 12P
   Dedicated to Single-Cell Lithium-Ion Secondary Battery Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com