Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU202 Datasheet(PDF) 4 Page - Total Power International

Part # MAU202
Description  SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU202 Datasheet(HTML) 4 Page - Total Power International

  MAU202 Datasheet HTML 1Page - Total Power International MAU202 Datasheet HTML 2Page - Total Power International MAU202 Datasheet HTML 3Page - Total Power International MAU202 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAU200 SERIES
DC/DC CONVERTER 1W, SIP-Package, High Isolation
Test Setup
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load
between 50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Technical Notes
Maximum Capacitive Load
The MAU200 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up,
affecting the ramp-up and the startup time. For optimum performance we recommend 100µF maximum capacitive load for dual outputs and 220µF capacitive load
for single outputs. The maximum capacitance can be found in the data sheet.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In
applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR <
1.0 at 100 KHz) capacitor of a 2.2µF for the 5V input devices, a 1.0µF for the 12V input devices and a 0.47µF for the 24V devices.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
Agood quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 1.0µF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 90℃. The derating curves are determined from
measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Total Power International, Inc.


Similar Part No. - MAU202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU202 TOTAL-POWER-MAU202 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU202 MINMAX-MAU202 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MAU202 MINMAX-MAU202 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU202 MINMAX-MAU202 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
More results

Similar Description - MAU202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com