Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU204 Datasheet(PDF) 3 Page - Total Power International

Part # MAU204
Description  SIP Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU204 Datasheet(HTML) 3 Page - Total Power International

  MAU204 Datasheet HTML 1Page - Total Power International MAU204 Datasheet HTML 2Page - Total Power International MAU204 Datasheet HTML 3Page - Total Power International MAU204 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAU200 SERIES
DC/DC CONVERTER 1W, SIP-Package, High Isolation
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
(3.3V, 5V & ±5V}
(all other output)
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Ripple & Noise measurement bandwidth is 0-20MHz.
3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
4 All DC/DC converters should be externally fused at the front end for protection.
5 Other input and output voltage may be available, please contact factory.
6 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
T: 6.1mm(0.24 inch) for 5V&12V Input Models
T: 7.1mm(0.28 inch) for 24V Input Models
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Characteristics
Case Size (5V&12V Input)
: 19.5x6.1x10.2mm (0.77x0.24x0.40 inches)
Case Size (24V Input)
: 19.5x7.1x10.2mm (0.77x0.28x0.40 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Alloy 42
Weight (5V&12V Input)
: 2.2g
Weight (24V Input)
: 2.6g
19.5 [0.77]
0.50
[0.02]
18.5 [0.73]
2.54
[0.10]
7.62
[0.30]
2X2.54
[2X0.10]
0.5
[0.02]
1
2
7
5
6
Bottom View
2.4
[0.09]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Total Power International, Inc.


Similar Part No. - MAU204

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU204 TOTAL-POWER-MAU204 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU204 MINMAX-MAU204 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MAU204 MINMAX-MAU204 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU204 MINMAX-MAU204 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
More results

Similar Description - MAU204

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com