Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU103 Datasheet(PDF) 1 Page - Total Power International

Part # MSAU103
Description  SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU103 Datasheet(HTML) 1 Page - Total Power International

  MSAU103 Datasheet HTML 1Page - Total Power International MSAU103 Datasheet HTML 2Page - Total Power International MSAU103 Datasheet HTML 3Page - Total Power International MSAU103 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
SMD Package with Industry Standard Pinout
Package Dimension:
12.7 x 8.0 x 7.1 mm (0.5”x 0.31”x 0.28”)
I/O-Isolation 1000 VDC
Operating Temp. Range –40° to +85°C
High Accuracy of Pin Planarity
Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
Tape & Reel Package available
3 Year Product Warranty
PRODUCT OVERVIEW
The MSAU100 series is a range of 1W DC/DC converters in a SMD- Package featuring I/O-isolation of 1000VDC.The small footprint makes this product
the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or where
a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. These converters are fully qualified for the higher temperature profile
used in lead-free reflow solder processes. For automated SMD production lines the product can also be supplied in tape& reel package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSAU105
3.3
300
6
264
10
75
MSAU101
5
200
4
250
10
80
MSAU102
9
110
2
254
10
78
MSAU103
12
84
1.5
252
8
80
MSAU104
5
(4.5 ~ 5.5)
15
67
1
248
30
7
33
81
MSAU115
3.3
300
6
110
8
75
MSAU111
5
200
4
103
8
81
MSAU112
9
110
2
106
8
78
MSAU113
12
84
1.5
104
5
81
MSAU114
12
(10.8 ~ 13.2)
15
67
1
102
15
5
33
82
MSAU125
3.3
300
6
57
8
73
MSAU121
5
200
4
53
8
79
MSAU122
9
110
2
54
8
77
MSAU123
12
84
1.5
53
5
80
MSAU124
24
(21.6 ~ 26.4)
15
67
1
52
8
5
33
80
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MSAU103

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU103 TOTAL-POWER-MSAU103 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSAU103 MINMAX-MSAU103 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU103 MINMAX-MSAU103 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU103 MINMAX-MSAU103 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
More results

Similar Description - MSAU103

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com