Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4120GNSS5000 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W4120GNSS5000
Description  3G/ACTIVE GNSS BLADE ANTENNA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W4120GNSS5000 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W4120GNSS5000 Datasheet HTML 1Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 2Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 3Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 4Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 5Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 6Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 7Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 8Page - Pulse A Technitrol Company W4120GNSS5000 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Issue: 1709
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 3G/Active GNSS Blade Antenna
PART NUMBER: W4120GNSS5000
Series: Low Profile Blade
3
Overall size
136 x 37.7 x 13.8mm
Weight
194g
Antenna Color
black
Connector type
SMA male
Cable type (LTE)
RG174
Cable type (GNSS)
RG174
Cable length
16.4’ (5 m)
Operating Temperature
-40/+85 ° C
Storage Temperature
-40/+85 ° C
Ingress Protection
IP67
Wind-loading
100mph
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
OTHER SPECIFICATIONS
Mounting
Adhesive Tape
Radome Material
PC/PET, UV resistant
Noise Figure
<2.4 dB
Operating Voltage
3.3-5 Vdc
0.5V
Current Consumption
9 mA
 2 mA


Similar Part No. - W4120GNSS5000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W4120GG3000 PULSE-W4120GG3000 Datasheet
1Mb / 3P
   GPS Antenna
W4120GG3000 PULSE-W4120GG3000 Datasheet
1Mb / 3P
   IP67 Active 6 Band GPS Antenna
W4120GG5000 PULSE-W4120GG5000 Datasheet
1Mb / 3P
   IP67 Active 6 Band GPS Antenna
W4120GL5000 PULSE-W4120GL5000 Datasheet
1Mb / 3P
   IP67 Active 6 Band GPS Antenna
More results

Similar Description - W4120GNSS5000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3915 PULSE-W3915 Datasheet
1Mb / 12P
   3G 880-960/1710-2170MHz GNSS Antenna
logo
Suzhou Maswell Communic...
AN.GNSS.L1.PCB.02 MASWELL-AN.GNSS.L1.PCB.02 Datasheet
394Kb / 4P
   High Performance GNSS Planar Antenna Active
logo
Pulse A Technitrol Comp...
GNSSDM26B0500 PULSE-GNSSDM26B0500 Datasheet
888Kb / 9P
    GNSS IP67 Active 26dB RHCP antenna
logo
Linx Technologies
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C357L160 LINX-ANT-GNCP-C357L160 Datasheet
872Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C185L160 LINX-ANT-GNCP-C185L160 Datasheet
909Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
logo
TE Connectivity Ltd
2195774-1 TEC-2195774-1 Datasheet
554Kb / 5P
   1558 - 1615 MHz GNSS Active ANTENNA
logo
Pulse A Technitrol Comp...
GNSSDM700 PULSE-GNSSDM700 Datasheet
2Mb / 18P
   WiFi /Active GNSS Direct Mount Antenna
logo
Linx Technologies
ANT-GNCP-C106L160 LINX-ANT-GNCP-C106L160 Datasheet
919Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
logo
TE Connectivity Ltd
602-440-XXX TEC-602-440-XXX Datasheet
1Mb / 4P
   CELLULAR (2G/3G)/ GNSS (GPS/GLONASS) Adhesive Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com