Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT10N120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SCT10N120
Description  High voltage DC-DC converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT10N120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SCT10N120 Datasheet HTML 3Page - STMicroelectronics SCT10N120 Datasheet HTML 4Page - STMicroelectronics SCT10N120 Datasheet HTML 5Page - STMicroelectronics SCT10N120 Datasheet HTML 6Page - STMicroelectronics SCT10N120 Datasheet HTML 7Page - STMicroelectronics SCT10N120 Datasheet HTML 8Page - STMicroelectronics SCT10N120 Datasheet HTML 9Page - STMicroelectronics SCT10N120 Datasheet HTML 10Page - STMicroelectronics SCT10N120 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SCT10N120
Electrical characteristics
DocID027662 Rev 2
7/14
Figure 8: Power dissipation
Figure 9: Gate charge vs gate-source voltage
Figure 10: Capacitance variations
Figure 11: Switching energy vs. drain current
Figure 12: Switching energy vs. junction
temperature
Figure 13: Normalized V(BR)DSS vs. temperature


Similar Part No. - SCT10N120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
   Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
Rev 3 - September 2022
More results

Similar Description - SCT10N120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT50N120 STMICROELECTRONICS-SCT50N120 Datasheet
708Kb / 11P
   High voltage DC-DC converters
April 2017 Rev 4
logo
XP Power Limited
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
   Negative Output Voltage DC/DC Converters
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
logo
Emerson Network Power
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
International Rectifier
IRFS31N20DTRLP IRF-IRFS31N20DTRLP Datasheet
296Kb / 12P
   High Frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFU3410PBF KERSEMI-IRFU3410PBF Datasheet
3Mb / 11P
   High frequency DC-DC converters
logo
International Rectifier
IRF7450PBF IRF-IRF7450PBF_15 Datasheet
181Kb / 8P
   High frequency DC-DC converters
IRF8010PBF IRF-IRF8010PBF_15 Datasheet
139Kb / 9P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com