Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3N80K5
Description  N-channel 800 V, 2.8typ., 2.5 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3N80K5 Datasheet HTML 1Page - STMicroelectronics STD3N80K5 Datasheet HTML 2Page - STMicroelectronics STD3N80K5 Datasheet HTML 3Page - STMicroelectronics STD3N80K5 Datasheet HTML 4Page - STMicroelectronics STD3N80K5 Datasheet HTML 5Page - STMicroelectronics STD3N80K5 Datasheet HTML 6Page - STMicroelectronics STD3N80K5 Datasheet HTML 7Page - STMicroelectronics STD3N80K5 Datasheet HTML 8Page - STMicroelectronics STD3N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
January 2014
DocID025000 Rev 3
1/23
23
STD3N80K5, STF3N80K5,
STP3N80K5, STU3N80K5
N-channel 800 V, 2.8
Ω typ., 2.5 A Zener-protected SuperMESH™ 5
Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• TO-220 worldwide best R
DS(on)
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using SuperMESH™ 5 technology.
This revolutionary, avalanche-rugged, high
voltage Power MOSFET technology is based on
an innovative proprietary vertical structure. The
result is a drastic reduction in on-resistance and
ultra low gate charge for applications which
require superior power density and high
efficiency.
D(2, TAB)
G(1)
S(3)
AM01476v1
TO-220
1
2
3
TAB
1
3
DPAK
TAB
1
2
3
TO-220FP
3
2
1
IPAK
TAB
Order codes
VDS
RDS(on)max
ID
PTOT
STD3N80K5
800 V
3.5
Ω
2.5 A
60 W
STF3N80K5
20 W
STP3N80K5
60 W
STU3N80K5
Table 1. Device summary
Order code
Marking
Package
Packaging
STD3N80K5
3N80K5
DPAK
Tape and reel
STF3N80K5
TO-220FP
Tube
STP3N80K5
TO-220
STU3N80K5
IPAK
www.st.com


Similar Part No. - STD3N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3N25 STMICROELECTRONICS-STD3N25 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30 STMICROELECTRONICS-STD3N30 Datasheet
143Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
logo
VBsemi Electronics Co.,...
STD3N40K3 VBSEMI-STD3N40K3 Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD3N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 4.2 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
September 2013 Rev 1
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com