Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD13N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD13N60DM2
Description  Fast-recovery body diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STD13N60DM2 Datasheet HTML 1Page - STMicroelectronics STD13N60DM2 Datasheet HTML 2Page - STMicroelectronics STD13N60DM2 Datasheet HTML 3Page - STMicroelectronics STD13N60DM2 Datasheet HTML 4Page - STMicroelectronics STD13N60DM2 Datasheet HTML 5Page - STMicroelectronics STD13N60DM2 Datasheet HTML 6Page - STMicroelectronics STD13N60DM2 Datasheet HTML 7Page - STMicroelectronics STD13N60DM2 Datasheet HTML 8Page - STMicroelectronics STD13N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD13N60DM2
Electrical characteristics
DocID029209 Rev 2
5/16
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
11
A
ISDM(1)
Source-drain current
(pulsed)
-
44
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 11 A
-
1.6
V
trr
Reverse recovery time
ISD = 11 A, di/dt = 100 A/µs,
VDD = 60 V (see Figure 16: "Test
circuit for inductive load
switching and diode recovery
times")
-
90
ns
Qrr
Reverse recovery
charge
-
252
nC
IRRM
Reverse recovery
current
-
5.6
A
trr
Reverse recovery time
ISD = 11 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C (see
Figure 16: "Test circuit for
inductive load switching and
diode recovery times")
-
170
ns
Qrr
Reverse recovery
charge
-
667
nC
IRRM
Reverse recovery
current
-
8.6
A
Notes:
(1) Pulse width is limited by safe operating area.
(2) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS
= ±250 μA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection, thus eliminating the need for additional external componentry.


Similar Part No. - STD13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
   Extremely low gate charge
September 2016 Rev 4
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
   N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
October 2019 Rev 1
More results

Similar Description - STD13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
   Fast-recovery body diode
March 2016 Rev 2
logo
Infineon Technologies A...
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com