Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD130N4F6AG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD130N4F6AG
Description  Very low gate charge
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD130N4F6AG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD130N4F6AG Datasheet HTML 4Page - STMicroelectronics STD130N4F6AG Datasheet HTML 5Page - STMicroelectronics STD130N4F6AG Datasheet HTML 6Page - STMicroelectronics STD130N4F6AG Datasheet HTML 7Page - STMicroelectronics STD130N4F6AG Datasheet HTML 8Page - STMicroelectronics STD130N4F6AG Datasheet HTML 9Page - STMicroelectronics STD130N4F6AG Datasheet HTML 10Page - STMicroelectronics STD130N4F6AG Datasheet HTML 11Page - STMicroelectronics STD130N4F6AG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Test circuits
STD130N4F6AG
8/16
DocID027413 Rev 2
3
Test circuits
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped Inductive load test circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STD130N4F6AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD130N6F7 ISC-STD130N6F7 Datasheet
305Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STD130N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL260N3LLH6 STMICROELECTRONICS-STL260N3LLH6 Datasheet
947Kb / 15P
   Very low gate charge
November 2014 Rev 2
STD110N8F6 STMICROELECTRONICS-STD110N8F6 Datasheet
632Kb / 16P
   Very low gate charge
December 2014 Rev 1
STH265N6F6-2AG STMICROELECTRONICS-STH265N6F6-2AG Datasheet
704Kb / 18P
   Very low gate charge
December 2014 Rev 2
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
STS9P2UH7 STMICROELECTRONICS-STS9P2UH7 Datasheet
554Kb / 15P
   Very low capacitance and gate charge
logo
Infineon Technologies A...
BSC046N10NS3G INFINEON-BSC046N10NS3G Datasheet
560Kb / 10P
   Very low gate charge for high frequency applications
Rev. 2.0 2011-09-29
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com